Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 19Page - Microchip Technology MCP16331 Datasheet HTML 20Page - Microchip Technology MCP16331 Datasheet HTML 21Page - Microchip Technology MCP16331 Datasheet HTML 22Page - Microchip Technology MCP16331 Datasheet HTML 23Page - Microchip Technology MCP16331 Datasheet HTML 24Page - Microchip Technology MCP16331 Datasheet HTML 25Page - Microchip Technology MCP16331 Datasheet HTML 26Page - Microchip Technology MCP16331 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 23
MCP16331
EXAMPLE 5-5:
5.11
PCB Layout Information
Good printed circuit board layout techniques are
important to any switching circuitry and switched-mode
power supplies are no different. When wiring the
switching high-current paths, short and wide traces
should be used. Therefore, it is important that the input
and output capacitors be placed as close as possible to
the MCP16331, to minimize the loop area.
The feedback resistors and feedback signal should be
routed away from the switching node, and the switching
current loop. When possible, ground planes and traces
should be used to help shield the feedback signal and
minimize noise and magnetic interference.
A good MCP16331 layout starts with CIN placement. CIN
supplies current to the input of the circuit when the switch
is turned on. In addition to supplying high-frequency
switch current, CIN also provides a stable voltage source
for the internal MCP16331 circuitry. Unstable PWM
operation can result if there are excessive transients or
ringing on the VIN pin of the MCP16331 device. In
Figure 5-1, CIN is placed close to pin 5. A ground plane
on the bottom of the board provides a low resistive and
inductive path for the return current. The next priority in
placement is the freewheeling current loop formed by D1,
COUT and L, while strategically placing the COUT return
close to the CIN return. Next, the boost capacitor should
be placed between the boost pin and the switch node pin,
SW. This leaves space close to the MCP16331 VFB pin
to place RTOP and RBOT. RTOP and RBOT are routed
away from the switch node, so noise is not coupled into
the high-impedance VFB input.
VIN =10V
VOUT =5.0V
IOUT =0.4A
Efficiency = 90%
Total System Dissipation = 222 mW
LDCR =0.15
PL =24 mW
Diode VF =0.50
D=50%
PDiode = 125 mW
MCP16331 internal power dissipation estimate:
PDIS – PL – PDIODE = 73 mW
JA =198°C/W
Estimated Junction
Temperature Rise
= +14.5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com