Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 18Page - Microchip Technology MCP16331 Datasheet HTML 19Page - Microchip Technology MCP16331 Datasheet HTML 20Page - Microchip Technology MCP16331 Datasheet HTML 21Page - Microchip Technology MCP16331 Datasheet HTML 22Page - Microchip Technology MCP16331 Datasheet HTML 23Page - Microchip Technology MCP16331 Datasheet HTML 24Page - Microchip Technology MCP16331 Datasheet HTML 25Page - Microchip Technology MCP16331 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
MCP16331
DS20005308D-page 22
 2014-2021 Microchip Technology Inc.
5.7
Freewheeling Diode
The freewheeling diode creates a path for inductor
current flow after the internal switch is turned off. The
average diode current is dependent upon the output
load current and the duty cycle (D). The efficiency of
the converter is a function of the forward drop and
speed of the freewheeling diode. A low forward drop
Schottky diode is recommended. The current rating
and voltage rating of the diode is application-depen-
dent. The diode voltage rating should be a minimum of
VIN plus margin. The average diode current can be cal-
culated using Equation 5-6.
EQUATION 5-6:
DIODE AVERAGE
CURRENT
EXAMPLE 5-4:
In case of the aforementioned example, the usage of a
0.5A to 1A diode is suggested and a list of
recommended freewheeling diodes is shown in
Table 5-5, below.
5.8
Boost Diode
The boost diode is used to provide a charging path from
the low-voltage gate drive source while the switch node
is low. The boost diode blocks the high voltage of the
switch node from feeding back into the output voltage
when the switch is turned on, forcing the switch node
high.
A standard 1N4148 ultra-fast diode is recommended
for its recovery speed, high voltage blocking capability,
availability and cost. The voltage rating required for the
boost diode should exceed VIN.
For low boost voltage applications, a small Schottky
diode with the appropriately rated voltage can be used
to lower the forward drop, increasing the boost supply
for the gate drive.
5.9
Boost Capacitor
The boost capacitor is used to supply current for the
internal high-side drive circuitry that is above the input
voltage. The boost capacitor must store enough energy
to completely drive the high-side switch on and off. A
0.1 µF X5R or X7R capacitor is recommended for all
applications. The boost capacitor maximum voltage is
5.5V, so a 6.3V or 10V rated capacitor is recommended.
In case of a noise-sensitive application, an additional
resistor, connected in series with the boost capacitor,
that will reduce the high-frequency noise associated
with switching power supplies can be added. A typical
value for the resistor is 82
.
5.10
Thermal Calculations
The MCP16331 device is available in the 6-lead
SOT-23 and 8-lead TDFN packages. By calculating the
power dissipation and applying the package thermal
resistance (
JA), the junction temperature can be
estimated.
To quickly estimate the internal power dissipation for
the switching step-down regulator, an empirical
calculation using measured efficiency can be used.
Given the measured efficiency, the internal power
dissipation is estimated by Equation 5-7. This power
dissipation
includes
all
internal
and
external
component losses. For a quick internal estimate,
subtract the estimated Schottky diode loss and inductor
DCR loss from the PDIS calculation in Equation 5-7.
EQUATION 5-7:
TOTAL POWER
DISSIPATION ESTIMATE
The difference between the first term, input power, and
the second term, power delivered, is the total system
power dissipation. The freewheeling Schottky diode
losses are determined by calculating the average diode
current and multiplying it by the diode forward drop.
The
inductor
losses
are
estimated
by
PL = IOUT2 x LDCR.
EQUATION 5-8:
DIODE POWER
DISSIPATION ESTIMATE
TABLE 5-5:
FREEWHEELING DIODES
App
Mfr.
Part
Number
Rating
12 VIN, 500 mA Diodes Inc. DFLS120L-7 20V, 1A
24 VIN, 100 mA Diodes Inc. B0540WS-7 40V, 0.5A
18 VIN, 500 mA Diodes Inc. B130L-13-F 30V, 1A
48 VIN, 500 mA Diodes Inc. B1100
100V, 1A
IDAVG
1D
 I
OUT
=
IOUT =0.5A
VIN =15V
VOUT =5V
D = 5/15
IDAVG =333 mA
VOUT IOUT
Efficiency
-------------------------------


VOUT IOUT

PDis
=
PDiode
VF
1D
 I
OUT

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com