Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 40Page - Microchip Technology MCP16331 Datasheet HTML 41Page - Microchip Technology MCP16331 Datasheet HTML 42Page - Microchip Technology MCP16331 Datasheet HTML 43Page - Microchip Technology MCP16331 Datasheet HTML 44Page - Microchip Technology MCP16331 Datasheet HTML 45Page - Microchip Technology MCP16331 Datasheet HTML 46Page - Microchip Technology MCP16331 Datasheet HTML 47Page - Microchip Technology MCP16331 Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 45
MCP16331
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP16331: High-Voltage Input Integrated Switch
Step-Down Regulator
MCP16331T: High-Voltage Input Integrated Switch
Step-Down Regulator (Tape and Reel)
Tape and Reel
Option:
T
= Tape and Reel(1)
Temperature Range: E
= -40°C to +125°C
Package:
CH
= Plastic Small Outline Transistor, SOT-23, 6-Lead
MNY* = Plastic Dual Flat TDFN, 8-Lead
*Y
= Nickel palladium gold manufacturing designator.
Only available on the TDFN package.
Package:
(Blank) = Standard Qualification
VAO
= AEC-Q100 Automotive Qualification
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not printed
on the device package. Check with your
Microchip Sales Office for package availability
with the Tape and Reel option.
Examples:
a)
MCP16331T-E/CH:
Tape and Reel,
Extended Temperature,
6-Lead SOT-23 package
b)
MCP16331T-E/CHVAO:Tape and Reel,
Extended Temperature,
6-Lead SOT-23 package,
AEC-Q100 Qualified
c)
MCP16331T-E/MNY:
Tape and Reel,
Extended Temperature,
8-Lead TDFN package
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
XXX
Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com