Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 23Page - Microchip Technology MCP16331 Datasheet HTML 24Page - Microchip Technology MCP16331 Datasheet HTML 25Page - Microchip Technology MCP16331 Datasheet HTML 26Page - Microchip Technology MCP16331 Datasheet HTML 27Page - Microchip Technology MCP16331 Datasheet HTML 28Page - Microchip Technology MCP16331 Datasheet HTML 29Page - Microchip Technology MCP16331 Datasheet HTML 30Page - Microchip Technology MCP16331 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 27
MCP16331
6.0
TYPICAL APPLICATION CIRCUITS
FIGURE 6-1:
Typical Application, 4.5V – 50V VIN to 3.3V VOUT.
Component
Value
Manufacturer
Part Number
Comment
CIN
2 x 10 µF
TDK Corporation C5750X7S2A106M230KB Capacitor, 10 µF, 100V, X7S, 2220
COUT
2 x 10 µF
Taiyo Yuden
Co., Ltd.
JMK212B7106KG-T
Capacitor, 10 µF, 6.3V, Ceramic, X7R, 0805,
10%
L
15 µH
Coilcraft®
MSS6132-153ML
MSS6132, 15 µH, Shielded Power Inductor
RTOP
31.6 k
Panasonic®- ECG
ERJ-3EKF3162V
Resistor, 31.6 kΩ, 1/10W, 1%, 0603, SMD
RBOT
10 k
Panasonic - ECG
ERJ-3EKF1002V
Resistor, 10.0 kΩ, 1/10W, 1%, 0603, SMD
FW Diode
B1100
Diodes
Incorporated®
B1100-13-F
Schottky, 100V, 1A, SMA
Boost Diode
1N4148
Diodes
Incorporated
1N4148WS-7-F
Diode Switch, 75V, 200 mW, SOD-323
CB
100 nF
AVX Corporation
0603YC104KAT2A
Capacitor, 0.1 µF, 16V Ceramic, X7R,
0603, 10%
U1
MCP16331
Microchip
Technology Inc.
MCP16331-E/CH
MCP16331-E/MNY
MCP16331, 500 kHz Buck Switcher, 50V,
500 mA
CB
VOUT
VIN
CIN
COUT
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
3.3V
4.5V to 50V
RTOP
RBOT
MCP16331
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com