Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311/2 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP16311/2 Datasheet HTML 16Page - Microchip Technology MCP16311/2 Datasheet HTML 17Page - Microchip Technology MCP16311/2 Datasheet HTML 18Page - Microchip Technology MCP16311/2 Datasheet HTML 19Page - Microchip Technology MCP16311/2 Datasheet HTML 20Page - Microchip Technology MCP16311/2 Datasheet HTML 21Page - Microchip Technology MCP16311/2 Datasheet HTML 22Page - Microchip Technology MCP16311/2 Datasheet HTML 23Page - Microchip Technology MCP16311/2 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MCP16311/2
DS20005255C-page 20
 2013-2019 Microchip Technology Inc.
5.4
Input Capacitor Selection
The step-down converter input capacitor must filter the
high-input ripple current that results from pulsing or
chopping the input voltage. The MCP16311/2 input
voltage pin is used to supply voltage for the power train
and as a source for internal bias. A low equivalent
series resistance (ESR), preferably a ceramic
capacitor,
is
recommended.
The
necessary
capacitance is dependent upon the maximum load
current and source impedance. Three capacitor
parameters to keep in mind are the voltage rating,
equivalent series resistance and the temperature
rating. For wide temperature range applications, a
multi-layer X7R dielectric is recommended, while for
applications with limited temperature range, a
multi-layer X5R dielectric is acceptable. Typically, input
capacitance between 10 µF and 20 µF is sufficient for
most applications. For applications with 100 mA to
200 mA load, a 4.7 µF to 2.2 µF X7R capacitor can be
used, depending on the input source and its
impedance. In case of an application with high
variations of the input voltage, a higher capacitor value
is recommended. The input capacitor voltage rating
must be VIN plus margin.
Table 5-2 contains the recommended range for the
input capacitor value.
5.5
Output Capacitor Selection
The output capacitor provides a stable output voltage
during sudden load transients and reduces the output
voltage ripple. As with the input capacitor, X5R and
X7R ceramic capacitors are well suited for this
application. For typical applications, the output
capacitance can be as low as 10 µF ceramic and as
high as 100 µF electrolytic. In a typical application, a
20 µF output capacitance usage will result in a 10 mV
output ripple.
The amount and type of output capacitance and
equivalent series resistance will have a significant
effect on the output ripple voltage and system stability.
The range of the output capacitance is limited due to
the integrated compensation of the MCP16311/2. See
Table 5-2 for the recommended output capacitor range.
The output voltage capacitor rating should be a
minimum of VOUT plus margin.
5.6
Inductor Selection
The MCP16311/2 is designed to be used with small
surface-mount inductors. Several specifications should
be considered prior to selecting an inductor. To
optimize system performance, low DCR inductors
should be used.
To optimize system performance, the inductance value
is determined by the output voltage (Table 5-1) so the
inductor ripple current is somewhat constant over the
output voltage range.
EQUATION 5-4:
INDUCTOR RIPPLE
CURRENT
EXAMPLE 5-4:
EQUATION 5-5:
INDUCTOR PEAK
CURRENT
For this example, an inductor with a current saturation
rating of minimum 960 mA is recommended. Low DCR
inductors result in higher system efficiency. A trade-off
between size, cost and efficiency is made to achieve
the desired results.
TABLE 5-2:
CAPACITOR VALUE RANGE
Parameter
Min.
Max.
CIN
2.2 µF
None
COUT
20 µF
None
VIN =12V
VOUT =3.3V
IOUT =800 mA
TABLE 5-3:
MCP16311/2 RECOMMENDED
3.3V VOUT INDUCTORS
Part Number
Size
WxLxH
(mm)
Coilcraft
XAL4040
15
0.109
2.8
4.0x4.0x2.1
LPS6235
15
0.125 2.00
6.0x6.0x3.5
MSS6132
15
0.135 1.56
6.1x6.1x3.2
XAL6060
15
0.057 1.78 6.36x6.5x6.1
MSS7341
15
0.057 1.78
7.3x7.3x4.1
IL
VIN VOUT
–
L
----------------------------tON
=
ILPK
I
L
2
--------
IOUT
+
=
Where:
Inductor ripple current = 319 mA
Inductor peak current = 960 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com