Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311/2 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 4 Page - Microchip Technology

  MCP16311/2 Datasheet HTML 1Page - Microchip Technology MCP16311/2 Datasheet HTML 2Page - Microchip Technology MCP16311/2 Datasheet HTML 3Page - Microchip Technology MCP16311/2 Datasheet HTML 4Page - Microchip Technology MCP16311/2 Datasheet HTML 5Page - Microchip Technology MCP16311/2 Datasheet HTML 6Page - Microchip Technology MCP16311/2 Datasheet HTML 7Page - Microchip Technology MCP16311/2 Datasheet HTML 8Page - Microchip Technology MCP16311/2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MCP16311/2
DS20005255C-page 4
 2013-2019 Microchip Technology Inc.
Feedback Input
Bias Current
IFB
—10
250
nA
Output Current
IOUT
1—
—
A
Notes 1 to 3, Figure 2-7
Switching Characteristics
Switching Frequency
fSW
425
500
575
kHz
Maximum Duty Cycle
DCMAX
85
94
—
%
Note 3
Minimum Duty Cycle
DCMIN
—2
—
%
Note 4
High-Side NMOS Switch-On
Resistance
RDS(ON)
—0.3
—
VBOOST –VSW = 5V,
Note 3
Buck NMOS Switch
Current Limit
I(MAX)
—1.8
—
A
VBOOST –VSW = 5V,
Note 3
Synchronous NMOS Switch-
On Resistance
RDS(ON)
—0.17
—
Note 3
EN Input Characteristics
EN Input Logic High
VIH
1.85
——
V
EN Input Logic Low
VIL
——
0.4
V
EN Input Leakage Current
IENLK
—0.1
1
µA
VEN =5V
Soft-Start Time
tSS
—
300
—
µs
EN Low-to-High,
90% of VOUT
Thermal Characteristics
Thermal Shutdown
Die Temperature
TSD
—150
—
°C
Note 3
Die Temperature Hysteresis
TSDHYS
—25
—
°C
Note 3
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VIN =VEN =7V, VBOOST -VSW =5.0V,
VOUT =5.0V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Steady State
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 8L-MSOP
JA
—
211
—
°C/W
EIA/JESD51-3 Standard
Thermal Resistance, 8L-2x3 TDFN
JA
—
52.5
—
°C/W
EIA/JESD51-3 Standard
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VIN =VEN =7V, VBOOST -VSW =5.0V,
VOUT =5.0V, IOUT = 100 mA, L = 22 µH, COUT =CIN = 2 x 10 µF X7R Ceramic Capacitors.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
The input voltage should be greater than the output voltage plus headroom voltage; higher load currents
increase the input voltage necessary for regulation. See characterization graphs for typical input-to-output
operating voltage range.
2:
For VIN <VOUT, VOUT will not remain in regulation; for output voltages above 12V, the maximum current
will be limited to under 1A.
3:
Determined by characterization, not production tested.
4:
This is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com