Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311/2 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 5 Page - Microchip Technology

  MCP16311/2 Datasheet HTML 1Page - Microchip Technology MCP16311/2 Datasheet HTML 2Page - Microchip Technology MCP16311/2 Datasheet HTML 3Page - Microchip Technology MCP16311/2 Datasheet HTML 4Page - Microchip Technology MCP16311/2 Datasheet HTML 5Page - Microchip Technology MCP16311/2 Datasheet HTML 6Page - Microchip Technology MCP16311/2 Datasheet HTML 7Page - Microchip Technology MCP16311/2 Datasheet HTML 8Page - Microchip Technology MCP16311/2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 5
MCP16311/2
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN =EN= 7V, COUT =CIN =2 x 10 µF, L =22 µH, VOUT =5.0V, ILOAD =100 mA,
TA =+25°C, 8L-MSOP package.
FIGURE 2-1:
3.3V VOUT Efficiency vs.
IOUT.
FIGURE 2-2:
5.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-3:
12.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-4:
3.3V VOUT Efficiency vs.VIN.
FIGURE 2-5:
5.0V VOUT Efficiency vs.VIN.
FIGURE 2-6:
12.0V VOUT Efficiency vs.
VIN.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
OUT (mA)
V
IN = 6V
V
IN = 12V
V
IN = 24V
V
IN = 30V
PWM/PFM
PWM ONLY
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
OUT (mA)
V
IN = 12V
V
IN = 24V
V
IN = 30V
PWM/PFM
PWM ONLY
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
OUT (mA)
V
IN = 15V
V
IN = 24V
V
IN = 30V
PWM/PFM
PWM ONLY
0
20
40
60
80
100
5
1015202530
V
IN (V)
I
OUT = 10 mA
I
OUT = 200 mA
I
OUT = 800 mA
PWM/PFM option
0
20
40
60
80
100
6
101418222630
V
IN (V)
I
OUT = 10 mA
I
OUT = 200 mA
I
OUT = 800 mA
PWM/PFM option
0
20
40
60
80
100
12
14
16
18
20
22
24
26
28
30
V
IN (V)
I
OUT = 10 mA
I
OUT = 200 mA
I
OUT = 800 mA
PWM/PFM option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com