Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311/2 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 3 Page - Microchip Technology

  MCP16311/2 Datasheet HTML 1Page - Microchip Technology MCP16311/2 Datasheet HTML 2Page - Microchip Technology MCP16311/2 Datasheet HTML 3Page - Microchip Technology MCP16311/2 Datasheet HTML 4Page - Microchip Technology MCP16311/2 Datasheet HTML 5Page - Microchip Technology MCP16311/2 Datasheet HTML 6Page - Microchip Technology MCP16311/2 Datasheet HTML 7Page - Microchip Technology MCP16311/2 Datasheet HTML 8Page - Microchip Technology MCP16311/2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 3
MCP16311/2
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN, SW ............................................................... -0.5V to 32V
BOOST – GND ................................................... -0.5V to 38V
BOOST – SW Voltage........................................ -0.5V to 6.0V
VFB Voltage ........................................................ -0.5V to 6.0V
EN Voltage ............................................. -0.5V to (VIN +0.3V)
Output Short-Circuit Current ................................. Continuous
Power Dissipation ....................................... Internally Limited
Storage Temperature ....................................-65°C to +150°C
Ambient Temperature with Power Applied ....-40°C to +125°C
Operating Junction Temperature...................-40°C to +150°C
ESD Protection on All Pins:
HBM ..................................................................... 1 kV
MM ......................................................................200V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VIN =VEN =7V, VBOOST -VSW =5.0V,
VOUT =5.0V, IOUT = 100 mA, L = 22 µH, COUT =CIN = 2 x 10 µF X7R Ceramic Capacitors.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
VIN Supply Voltage
Input Voltage
VIN
4.4
—
30
V
Note 1
Quiescent Current
IQ
—44
60
µA
Nonswitching,
VFB =0.9V
Quiescent Current -
PFM Mode
IQ_PFM
—85
—
µA
Switching,
IOUT =0 (MCP16311)
Quiescent Current -
PWM Mode
IQ_PWM
—3.8
8
mA
Switching,
IOUT =0 (MCP16312)
Quiescent Current -
Shutdown
IQ_SHDN
—3
9
µA
VOUT =EN = 0V
VIN Undervoltage Lockout
Undervoltage Lockout Start
UVLOSTRT
—4.1
4.4
VVIN Rising
Undervoltage Lockout Stop
UVLOSTOP
3.18
3.6
—
V
VIN Falling
Undervoltage Lockout
Hysteresis
UVLOHYS
0.2
0.5
1
V
Output Characteristics
Feedback Voltage
VFB
0.784
0.800
0.816
VIOUT =5 mA
Output Voltage
Adjust Range
VOUT
2.0
—
24
V
Note 2, Note 3
Feedback Voltage
Line Regulation
VFB/VFB)/VIN -0.15
0.01
0.15
%/V
VIN = 7V to 30V,
IOUT =50mA
Feedback Voltage
Load Regulation
VFB / VFB
—0.25
—
%
IOUT = 5 mA to 1A,
MCP16312
Note 1:
The input voltage should be greater than the output voltage plus headroom voltage; higher load currents
increase the input voltage necessary for regulation. See characterization graphs for typical input-to-output
operating voltage range.
2:
For VIN <VOUT, VOUT will not remain in regulation; for output voltages above 12V, the maximum current
will be limited to under 1A.
3:
Determined by characterization, not production tested.
4:
This is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com