Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311/2 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP16311/2 Datasheet HTML 31Page - Microchip Technology MCP16311/2 Datasheet HTML 32Page - Microchip Technology MCP16311/2 Datasheet HTML 33Page - Microchip Technology MCP16311/2 Datasheet HTML 34Page - Microchip Technology MCP16311/2 Datasheet HTML 35Page - Microchip Technology MCP16311/2 Datasheet HTML 36Page - Microchip Technology MCP16311/2 Datasheet HTML 37Page - Microchip Technology MCP16311/2 Datasheet HTML 38Page - Microchip Technology MCP16311/2 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 35
MCP16311/2
APPENDIX A: REVISION HISTORY
Revision C (July 2019)
1.
Updated Table 4-1 in Section 4.1.2 “PWM-only
Mode Option”.
2.
Updated Section 4.2.5 “HIGH-SIDE DRIVE ”.
3.
Updated Package Drawings for 2 x 3 mm 8-
Lead TDFN in Section 6.1 “Package Marking
Information”.
4.
Updated
Product
Identification
System
Section.
Revision B (November 2014)
The following is the list of modifications:
1.
Added AEC-Q100 qualification information.
2.
Updated the Typical Applications section.
3.
Updated the DC Characteristics table.
4.
Updated Section 4.2.2 “Peak Current Mode
Control”.
5.
Updated the standard values in Example 5-1.
6.
Added a 24V option in Table 5-1.
Revision A (December 2013)
• Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com