Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311/2 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP16311/2 Datasheet HTML 12Page - Microchip Technology MCP16311/2 Datasheet HTML 13Page - Microchip Technology MCP16311/2 Datasheet HTML 14Page - Microchip Technology MCP16311/2 Datasheet HTML 15Page - Microchip Technology MCP16311/2 Datasheet HTML 16Page - Microchip Technology MCP16311/2 Datasheet HTML 17Page - Microchip Technology MCP16311/2 Datasheet HTML 18Page - Microchip Technology MCP16311/2 Datasheet HTML 19Page - Microchip Technology MCP16311/2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MCP16311/2
DS20005255C-page 16
 2013-2019 Microchip Technology Inc.
4.2.2
PEAK CURRENT MODE CONTROL
The MCP16311/2 integrates a peak current mode
control architecture, resulting in superior AC regulation
while minimizing the number and size of voltage loop
compensation components for integration. Peak
current mode control takes a small portion of the
inductor current, replicates it, and compares this
replicated current sense signal with the error voltage. In
practice, the inductor current and the internal switch
current are equal during the switch-on time. By adding
this peak current sense to the system control, the step-
down power train system can be approximated by a
first order system rather than a second order system.
This reduces the system complexity and increases its
dynamic performance.
For Pulse-Width Modulation (PWM) duty cycles that
exceed 50%, the control system can become bimodal,
where a wide pulse followed by a short pulse repeats
instead of the desired fixed pulse width. To prevent this
mode of operation, an internal compensating ramp is
summed into the current sense signal.
4.2.3
PULSE-WIDTH MODULATION
The internal oscillator periodically starts the switching
period, which in the MCP16311/2’s case occurs every
2 µs or 500 kHz. With the high-side integrated
N-Channel MOSFET turned on, the inductor current
ramps up until the sum of the current sense and slope
compensation ramp exceeds the integrated error
amplifier output. Once this occurs, the high-side switch
turns off and the low-side switch turns on. The error
amplifier output slews up or down to increase or
decrease the inductor peak current feeding into the
output LC filter. If the regulated output voltage is lower
than its target, the inverting error amplifier output rises.
This results in an increase in the inductor current to
correct for errors in the output voltage. The fixed
frequency duty cycle is terminated when the sensed
inductor peak current, summed with the internal slope
compensation, exceeds the output voltage of the error
amplifier. The PWM latch is set by turning off the high-
side internal switch and preventing it from turning on
until the beginning of the next cycle.
The MCP16312 devices will operate in PWM-only
mode even during periods of light load operation. By
operating in PWM-only mode, the output ripple remains
low and the frequency is constant (Figure 2-28).
Operating in fixed PWM mode results in lower
efficiency during light-load operation (when compared
to PFM mode (MCP16311)).
When working close to the boundary conduction
threshold, a jitter on the SW node may occur, reflecting
in the output voltage. Although the low-frequency
output component is very small, it may be desirable to
completely eliminate this component. To achieve this,
an RC Snubber between the SW node and GND is
used.
Typical values for the snubber are: 680 pF and 430
.
Using such a snubber completely eliminates the jitter
on the SW node, but slightly decreases the overall
efficiency of the converter.
4.2.4
PFM MODE OPERATION
The MCP16311 devices are capable of automatic
operation in normal PWM or PFM mode to maintain
high efficiency at all loads. In PFM mode, the output
ripple has a variable frequency component that
changes with the input voltage and output current. With
no load, the quiescent current drawn from the output is
very low.
There are two comparators that decide when device
starts switching in PFM mode. One of the comparators
is monitoring the output voltage and has a reference of
810 mV with 10 mV hysteresis. If the load current is
low, the output rises and triggers the comparator, which
will put the logic control of the drivers and other block
circuitry (including the internal regulator VCC) in Sleep
mode to minimize the power consumption during the
switching cycle’s off period. When the output voltage
drops below its nominal value, PFM operation pulses
one or several times to bring the output back into
regulation (Figure 2-26). The second comparator fixes
the minimum duty cycle for PFM mode. Minimum duty
cycle in PFM mode depends on the sensed peak
current and input voltage. As a result, the PFM-to-PWM
mode threshold depends on load current and value of
the input voltage (Figure 2-17). If the output load
current rises above the upper threshold, the
MCP16311 transitions smoothly into PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com