Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBT Datasheet(PDF) 29 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 29 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 25Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 26Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 27Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 28Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 29Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 30Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 31Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 32Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 33Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
www.ti.com
VDD33
0.1 F
m
ToRX+
ToRX-
All-Plastic
(5or10metersmaximum)
(1)ToshibaTORX141orequivalent.
Optical
Receiver
(1)
(1)ToshibaTORX173,TORX176,TORX179,orequivalent.
+5V
SN74LVC1G125
orEquivalent
0.1mF
T RX+
o
ToRX-
All-Plastic
(5or10metersmaximum)
Optical
Receiver
(1)
VDD33
5
2
3
1
4
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
APPLICATIONS INFORMATION (continued)
Optical interfaces utilizing all-plastic fiber are commonly employed for consumer audio equipment where
interconnections are less than 10m in length. Optical receiver modules utilized for a digital audio interface
operate from either a single +3.3V or +5V supply and have a TTL-, CMOS-, or low-voltage CMOS-compatible
logic output. Interfacing to +3.3V optical receivers is straightforward when the optical receiver supply is powered
from the DIX4192 VDD33 power source, as shown in Figure 27. For the +5V optical receivers, the output high
logic level may exceed the DIX4192 line receiver absolute maximum input voltage. A level translator is required,
placed between the optical receiver output and the DIX4192 line receiver input. Figure 28 shows the
recommended input circuit when interfacing a +5V optical receiver to the DIX4192 line receiver inputs. The
Texas Instruments SN74LVC1G125 single buffer IC is operated from the same +3.3V supply used for DIX4192
VDD33 supply. This buffer includes a +5V tolerant digital input, and provides the logic level translation required
for the interface.
Figure 27. Interfacing to a +3.3V Optical Receiver Module
Figure 28. Interfacing to a +5V Optical Receiver Module
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com