Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBT Datasheet(PDF) 45 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 45 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 41Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 42Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 43Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 44Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 45Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 46Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 47Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 48Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 49Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
www.ti.com
Y
X
Y
X
L
R
L
R
L
R
L
R
R
L
R
L
AES3BitStream
DIRSYNC
LRCK,I SFormat(input)
2
LRCK,Left-orRight-
JustifiedFormats(input)
±5%
±5%
DataSliporRepeatmayoccurwhentheLRCKedgesindicatedarewithinthe 5%window.
±
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
1
Buffer transfer completed
Register 15: Receiver Status Register 3 (Read-Only)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
0
0
0
OSLIP
Note: Status bits must be unmasked in control register 0x17 in order for the status interrupts to be generated.
OSLIP
Receiver Output Data Slip Error Status
OSLIP
Receiver OSLIP Error Status
0
No error
1
DIR output data Slip/Repeat error detected
An OSLIP interrupt is possible when the DIR output is used as the source for either the Port A or Port B audio serial port and the port is configured to operate
in slave mode. Figure 35 shows the timing associated with the OSLIP interrupt.
When only one audio serial port (Port A or Port B) is sourced by the DIR output, then the OSLIP status bit and interrupt applies to that port. If both Port A and
Port B are sourced by the DIR output, then the OSLIP status bit and interrupt applies to Port A only.
Figure 35. DIR Output Slip/Repeat (OSLIP) Behavior
Register 16: Receiver Interrupt Mask Register 1
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
MCSCRC
MPARITY
MVBIT
MBPERR
MQCHG
MUNLOCK
MQCRC
MRBTI
MCSCRC
Channel Status CRC Error Interrupt Mask
MCSCRC
CRC Interrupt
0
Masked (default)
1
Enabled
MPARITY
Parity Error Interrupt Mask
MPARITY
Parity Error Interrupt
0
Masked (default)
1
Enabled
MVBIT
Validity Error Interrupt Mask
MVBIT
Validity Error Interrupt
0
Masked (default)
1
Enabled
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com