Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBT Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 9Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 10Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 11Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 12Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 13Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 14Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 15Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 16Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 17Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
www.ti.com
AUDIO SERIAL PORT OPERATION
Master
Clock
Source
Master
Mo e
d
Clock
Generation
Serial
Input
Serial
Output
MC K
L
RXCKI
RXCKO
Audio Data
InternalClocks
OUTS[1:0]
MU E
T
F T[1:
M
0]
M/S
DIV1:
[ 0]
CLK1:
[ 0]
SDN
I A (pin39)or SDINB(pin4 )
6
LRCKA (pin3 )or
8
LRCKB( i 47)
p n
BCKA(pin37)orBCKB(pin48)
SDOUTA (pin40)or SDOUTB(pin45)
Daa
t
Source
PortA
PortB
DIR
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
PRODUCT OVERVIEW (continued)
The DIX4192 includes two audio serial ports, Port A and Port B. Both ports are 4-wire synchronous serial
interfaces, supporting simultaneous input and output operation. Since each port has only one pair of left/right
word and bit clocks, the input and output sampling rates are identical. A simplified block diagram is shown in
Figure 6.
The audio serial ports may be operated at sampling rates up to 216kHz, and support audio data word lengths up
to 24 bits. Philips I2S, Left-Justified, and Right-Justified serial data formats are supported. Refer to Figure 7.
The left/right word clock (LRCKA or LRCKB) and the bit clock (BCKA or BCKB) may be configured for either
Master or Slave mode operation. In Master mode these clocks are outputs, derived from the selected master
clock source using internal clock dividers. The master clock source may be 128, 256, 384, or 512 times the
audio input/output sampling rate, with the clock divider being selected using control register bits for each port. In
Slave mode the left/right word and bit clocks are inputs, and are sourced from an external audio device acting as
the serial bus master.
The LRCKA or LRCKB clocks operate at the input/output sampling rate, fS. The BCKA and BCKB clock rates are
fixed at 64 times the left/right word clock rate in Master mode. For Slave mode, the minimum BCKA and BCKB
clock rate is determined by the audio data word length multiplied by two, since there are two audio data
channels per left/right word clock period. For example, if the audio data word length is 24 bits, the bit clock rate
must be at least 48 times the left/right word clock rate, allowing one bit clock period for each data bit in the serial
bit stream.
Serial audio data is clocked into the port on the rising edge of the bit clock, while data is clocked out of the port
on the falling edge of the bit clock. Refer to the Electrical Characteristics: Audio Serial Ports table for parametric
information and Figure 1 for a timing diagram related to audio serial port operation.
The audio serial ports are configured using control registers 0x03 through 0x06. Refer to the Control Registers
section for descriptions of the control register bits.
Figure 6. Audio Serial Port Block Diagram
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com