Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBT Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 2Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 3Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 4Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 5Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 6Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 7Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 8Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 9Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: Power Supplies
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
DIX4192
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Recommended supply voltage range
VDD18
+1.65
+1.8
+1.95
V
VDD33
+3.0
+3.3
+3.6
V
VIO
+1.65
+3.3
+3.6
V
VCC
+3.0
+3.3
+3.6
V
Supply current: initial startup
All blocks powered down by default
IDD18S
VDD18 = +1.8V
10
µA
IDD33S
VDD33 = +3.3V
10
µA
IIOS
VIO = +3.3V
300
µA
ICCS
VCC = +3.3V
10
µA
Supply current: quiescent
All blocks powered up with no clocks applied
IDD18Q
VDD18 = +1.8V
2.3
mA
IDD33Q
VDD33 = +3.3V
0.6
mA
IIOQ
VIO = +3.3V
0.3
mA
ICCQ
VCC = +3.3V
6.3
mA
Supply current: dynamic
All blocks powered up, fS = 48kHz
IDD18D
VDD18 = +1.8V
5.1
mA
IDD33D
VDD33 = +3.3V
14.1
mA
IIOD(1)
VIO = +3.3V
46
mA
ICCD
VCC = +3.3V
7.4
mA
Supply current: high sampling rate
All blocks powered up, fS = 192kHz
IDD18H
VDD18 = +1.8V
6.7
mA
IDD33H
VDD33 = +3.3V
15
mA
IIOH(1)
VIO = +3.3V
47
mA
ICCH
VCC = +3.3V
7.5
mA
Total power dissipation: initial startup
All blocks powered down by default
1
mW
Total power dissipation: quiescent
All blocks powered up with no clocks applied
28
mW
Total power dissipation: dynamic
All blocks powered up, fS = 48kHz
233
mW
Total power dissipation: high sampling Rate
All blocks powered up, fS = 192kHz
242
mW
(1)
The typical VIO supply current is measured using the DIX4192EVM evaluation module with loading from the DAIMB mother-board
circuitry. VIO supply current is dependent upon the loading on the logic output pins.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com