Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBT Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 4Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 5Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 6Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 7Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 8Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 9Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 10Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 11Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
www.ti.com
PIN CONFIGURATION
TopView
TQFP
36
35
34
33
32
31
30
29
28
27
26
25
SYNC
BLS
AESOUT
VDD33
TX+
TX
-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
1
2
3
4
5
6
7
8
9
10
11
12
RX1+
RX1
-
RX2+
RX2
-
RX3+
RX3
-
RX4+
RX4
-
VCC
AGND
LOCK
RXCKO
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
DIX4192
NC=NoConnection
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
PIN DESCRIPTIONS
NAME
PIN NUMBER
I/O
DESCRIPTION
RX1+
1
Input
Line receiver 1, noninverting input
RX1–
2
Input
Line receiver 1, inverting input
RX2+
3
Input
Line receiver 2, noninverting input
RX2–
4
Input
Line receiver 2, inverting input
RX3+
5
Input
Line receiver 3, noninverting input
RX3–
6
Input
Line receiver 3, inverting input
RX4+
7
Input
Line receiver 4, noninverting input
RX4–
8
Input
Line receiver 4, inverting input
VCC
9
Power
DIR comparator and PLL power supply, +3.3V nominal
AGND
10
Ground
DIR comparator and PLL power-supply ground
LOCK
11
Output
DIR PLL lock flag (active low)
RXCKO
12
Output
DIR recovered master clock (tri-state output)
RXCKI
13
Input
DIR reference clock
NC
14, 15, 41
—
No internal signal connection, internally bonded to ESD pad
DGND1
16
Ground
Digital core ground
VDD18
17
Power
Digital core supply, +1.8V nominal
CPM
18
Input
Control port mode, 0 = SPI mode, 1 = I2C mode
CS or A0
19
Input
Chip select (active low) for SPI mode or programmable slave address for I2C mode
CCLK or SCL
20
Input
Serial data clock for SPI mode or I2C mode
CDIN or A1
21
Input
SPI port serial data input or programmable slave address for I2C mode
CDOUT or SDA
22
I/O
SPI port serial data output (tri-state output) or serial data I/O for I2C mode
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com