Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX4192IPFBT Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DIX4192IPFBT Datasheet HTML 1Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 2Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 3Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 4Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 5Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 6Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 7Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 8Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
BurrBrown Products
from Texas Instruments
DIX4192
FEATURES
APPLICATIONS
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
Integrated Digital Audio Interface Receiver and Transmitter
•
Two Audio Serial Ports (Ports A and B)
• Digital Audio Interface Transmitter (DIT)
– Synchronous Serial Interface to External
Signal Processors, Data Converters, and
– Supports Sampling Rates Up to 216kHz
Logic
– Includes Differential Line Driver and
– Slave or Master Mode Operation with
CMOS Buffered Outputs
Sampling Rates up to 216kHz
– Block-Sized Data Buffers for Both Channel
– Supports Left-Justified, Right-Justified, and
Status and User Data
Philips I2S™ Data Formats
– Status Registers and Interrupt Generation
– Supports Audio Data Word Lengths Up to
for Flag and Error Conditions
24 Bits
•
Digital Audio Interface Receiver (DIR)
•
Four General-Purpose Digital Outputs
– PLL Lock Range Includes Sampling Rates
– Multifunction Programmable Via Control
from 20kHz to 216kHz
Registers
– Includes Four Differential Input Line
•
Extensive Power-Down Support
Receivers and an Input Multiplexer
– Functional Blocks May Be Disabled
– Bypass Multiplexer Routes Line Receiver
Individually When Not In Use
Outputs to Line Driver and Buffer Outputs
•
Operates From +1.8V Core and +3.3V I/O
– Block-Sized Data Buffers for Both Channel
Power Supplies
Status and User Data
•
Small TQFP-48 Package, Compatible with the
– Automatic Detection of Non-PCM Audio
SRC4382 and SRC4392
Streams (DTS CD/LD and IEC 61937
formats)
– Audio CD Q-Channel Sub-Code Decoding
•
DIGITAL AUDIO RECORDERS AND
and Data Buffer
MIXING DESKS
– Status Registers and Interrupt Generation
•
DIGITAL AUDIO INTERFACES FOR
for Flag and Error Conditions
COMPUTERS
– Low Jitter Recovered Clock Output
•
DIGITAL AUDIO ROUTERS AND
•
User-Selectable Serial Host Interface: SPI™
DISTRIBUTION SYSTEMS
or I2C™
•
BROADCAST STUDIO EQUIPMENT
– Provides Access to On-Chip Registers and
•
DVD/CD RECORDERS
Data Buffers
•
SURROUND SOUND DECODERS AND
A/V RECEIVERS
•
CAR AUDIO SYSTEMS
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Dolby is a registered trademark of Dolby Laboratories, Inc.
I2C, I2S are trademarks of Koninklijke Philips Electronics N.V.
SPI is a trademark of Motorola.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DIX4192IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIX4192IPFB TI1-DIX4192IPFB Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFB TI2-DIX4192IPFB Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
DIX4192IPFB.A TI2-DIX4192IPFB.A Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - DIX4192IPFBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com