Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6730CTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6730CTR Datasheet HTML 8Page - STMicroelectronics L6730CTR Datasheet HTML 9Page - STMicroelectronics L6730CTR Datasheet HTML 10Page - STMicroelectronics L6730CTR Datasheet HTML 11Page - STMicroelectronics L6730CTR Datasheet HTML 12Page - STMicroelectronics L6730CTR Datasheet HTML 13Page - STMicroelectronics L6730CTR Datasheet HTML 14Page - STMicroelectronics L6730CTR Datasheet HTML 15Page - STMicroelectronics L6730CTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Electrical characteristics
L6730C - L6730D
12/50
Table 5.
Thermal characterizations (VCC = 12V)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Oscillator
fOSC
Initial Accuracy
OSC = OPEN;
TJ=0°C~ 125°C
376
400
424
KHz
Output Voltage (1.2V MODE)
VFB
Output Voltage
TJ = 0°C~ 125°C
1.188
1.2
1.212
V
TJ = -40°C~ 125°C
1.185
1.2
1.212
V
Output Voltage (0.6V MODE)
VFB
Output Voltage
TJ = 0°C~ 125°C
0.596
0.6
0.605
V
TJ = -40°C~ 125°C
0.593
0.6
0.605
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com