Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6730CTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6730CTR Datasheet HTML 22Page - STMicroelectronics L6730CTR Datasheet HTML 23Page - STMicroelectronics L6730CTR Datasheet HTML 24Page - STMicroelectronics L6730CTR Datasheet HTML 25Page - STMicroelectronics L6730CTR Datasheet HTML 26Page - STMicroelectronics L6730CTR Datasheet HTML 27Page - STMicroelectronics L6730CTR Datasheet HTML 28Page - STMicroelectronics L6730CTR Datasheet HTML 29Page - STMicroelectronics L6730CTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Device description
L6730C - L6730D
26/50
5.11
Synchronization
The presence of many converters on the same board can generate beating frequency noise. To
avoid this it is important to make them operate at the same switching frequency. Moreover, a
phase shift between different modules helps to minimize the RMS current on the common input
capacitors. Figure 21. shows the results of two modules in synchronization. Two or more
devices can be synchronized simply connecting together the SYNCH pins. The device with the
higher switching frequency will be the Master while the other one will be the Slave. The Slave
controller will increase its switching frequency reducing the ramp amplitude proportionally and
then the modulator gain will be increased.
To avoid a huge variation of the modulator gain, the best way to synchronize two or more
devices is to make them work at the same switching frequency and, in any case, the switching
frequencies can differ for a maximum of 50% of the lowest one. If, during synchronization
between two (or more) L6730, it’s important to know in advance which the master is, it’s timely
to set its switching frequency at least 15% higher than the slave. Using an external clock signal
(fEXT) to synchronize one or more devices that are working at a different switching frequency
(fSW) it is recommended to follow the below formula:
The phase shift between master and slaves is approximately done 180°.
Table 6.
S/O/U pin; CC/O/U pin
R1
R2
VSOU/VCCDR
UVLO
OVP
SINK CC
N.C
0
Ω
0
5V BUS
Not Latched
Not
11K
Ω
2.7K
Ω
0.2
5V BUS
Not Latched
Yes
6.2K
Ω
2.7K
Ω
0.3
5V BUS
Latched
Not
4.3K
Ω
2.7K
Ω
0.4
5V BUS
Latched
Yes
2.7K
Ω
2.7K
Ω
0.5
12V BUS
Not Latched
Not
1.8K
Ω
2.7K
Ω
0.6
12V BUS
Not Latched
Yes
1.2K
Ω
2.7K
Ω
0.7
12V BUS
Latched
Not
0
Ω
N.C
1
12V BUS
Latched
Yes
Figure 21. Synchronization.
PWM SIGNALS
INDUCTOR CURRENTS
SW
EXT
SW
f
f
f
⋅
≤
≤
3
,
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com