Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6730CTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6730CTR Datasheet HTML 13Page - STMicroelectronics L6730CTR Datasheet HTML 14Page - STMicroelectronics L6730CTR Datasheet HTML 15Page - STMicroelectronics L6730CTR Datasheet HTML 16Page - STMicroelectronics L6730CTR Datasheet HTML 17Page - STMicroelectronics L6730CTR Datasheet HTML 18Page - STMicroelectronics L6730CTR Datasheet HTML 19Page - STMicroelectronics L6730CTR Datasheet HTML 20Page - STMicroelectronics L6730CTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
L6730C - L6730D
Device description
17/50
The reference of the error amplifier is clamped with this voltage (Vss) until it reaches the
programmed value: 0.6V or 1.2V. During the soft-start phase the converter works in closed
loop. The L6730C can only source current during the soft-start phase in order to manage the
prebias start-up applications. The L6730D can always sink current and so it can be used to
supply the DDR Memory termination BUS. If an over current is detected during the soft-start
phase, the device provides a constant-current-protection. In this way, in case of short soft-start
time and/or small inductor value and/or high output capacitors value and thus, in case of high
ripple current during the soft-start, the converter can start-up in any case, limiting the current
(see section 4.5 Monitoring and protections) but not entering in HICCUP mode. The soft-start
phase ends when Vss reaches 3.5V. After that the over-current-protection triggers the HICCUP
mode (L6730C). With the L6730D there is the possibility to set the HICCUP mode or the
constant current mode after the soft-start acting on the multifunction pin CC/O/U. With the
L6730 the low-side MOSFET(s) management after soft-start phase depends on the S/O/U pin
state (see related section). If the sink-mode is enabled the converter can sink current after soft-
start (see figure 9) while, if the sink-mode is disabled the converter never sinks current (see
figure 10)..
Figure 8.
Sink-mode enabled: Inductor current during and after soft-start (L6730C).
VOUT
IL
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com