Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6730CTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6730CTR Datasheet HTML 40Page - STMicroelectronics L6730CTR Datasheet HTML 41Page - STMicroelectronics L6730CTR Datasheet HTML 42Page - STMicroelectronics L6730CTR Datasheet HTML 43Page - STMicroelectronics L6730CTR Datasheet HTML 44Page - STMicroelectronics L6730CTR Datasheet HTML 45Page - STMicroelectronics L6730CTR Datasheet HTML 46Page - STMicroelectronics L6730CTR Datasheet HTML 47Page - STMicroelectronics L6730CTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
POL Demoboard
L6730C - L6730D
44/50
10
POL Demoboard
10.1
Description
A compact demoboard has been realized to manage currents in the range of 10-15A. Figure
36. shows the schematic and Table 9. the part list. Multi-layer-ceramic-capacitors (MLCCs)
have been used on the input and the output in order to reduce the overall size.
Figure 40. Pol demoboard schematic.
Table 12.
Pol demoboard part list.
Reference
Value
Manufacturer
Package
Supplier
R1
1K8Ω
Neohm
SMD 0603
IFARCAD
R2
10KΩ
Neohm
SMD 0603
IFARCAD
R3
N.C.
R4
10Ω
Neohm
SMD 0603
IFARCAD
R5
11K 1% 100mW
Neohm
SMD 0603
IFARCAD
R6
2K7 1% 100mW
Neohm
SMD 0603
IFARCAD
R7
N.C.
Neohm
SMD 0603
IFARCAD
R8
0Ω
Neohm
SMD 0603
IFARCAD
R9
3K 1% 100mW
Neohm
SMD 0603
IFARCAD
R10
4K7 1% 100mW
Neohm
SMD 0603
IFARCAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com