Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6730CTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6730CTR Datasheet HTML 10Page - STMicroelectronics L6730CTR Datasheet HTML 11Page - STMicroelectronics L6730CTR Datasheet HTML 12Page - STMicroelectronics L6730CTR Datasheet HTML 13Page - STMicroelectronics L6730CTR Datasheet HTML 14Page - STMicroelectronics L6730CTR Datasheet HTML 15Page - STMicroelectronics L6730CTR Datasheet HTML 16Page - STMicroelectronics L6730CTR Datasheet HTML 17Page - STMicroelectronics L6730CTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Device description
L6730C - L6730D
14/50
5.2
Internal LDO
An internal LDO supplies the internal circuitry of the device. The input of this stage is the VCC
pin and the output (5V) is the VCCDR pin (see Figure 4.).
5.3
Bypassing the LDO to avoid the voltage drop with low Vcc
The LDO can be by-passed, providing directly a 5V voltage to VCCDR. In this case Vcc and
VCCDR pins must be shorted together as shown in Figure 5. VCCDR pin must be filtered with at
least 1
µF capacitor to sustain the internal LDO during the recharge of the bootstrap capacitor.
VCCDR also represents a voltage reference for Tmask pin, S/O/U pin (L6730C) or CC/O/U pin
(L6730D) and PGOOD pin (see Table 3: Pins connection).
If Vcc
≈ 5V the internal LDO works in dropout with an output resistance of about 1Ω.
The maximum LDO output current is about 100mA and so the output voltage drop can be
100mV: to avoid this the LDO can be bypassed.
Figure 4.
LDO block diagram.
Figure 5.
Bypassing the LDO
LDO
4.5V
÷ 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com