Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6730CTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6730CTR Datasheet HTML 42Page - STMicroelectronics L6730CTR Datasheet HTML 43Page - STMicroelectronics L6730CTR Datasheet HTML 44Page - STMicroelectronics L6730CTR Datasheet HTML 45Page - STMicroelectronics L6730CTR Datasheet HTML 46Page - STMicroelectronics L6730CTR Datasheet HTML 47Page - STMicroelectronics L6730CTR Datasheet HTML 48Page - STMicroelectronics L6730CTR Datasheet HTML 49Page - STMicroelectronics L6730CTR Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
L6730C - L6730D
Package mechanical data
47/50
Table 13.
HTSSOP20 mechanical data
DIM.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.200
0.047
A1
0.150
0.006
A2
0.800
1.000
1.050
0.031
0.039
0.041
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.003
0.008
D
(1)
1.
Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15mm per side.
6.400
6.500
6.600
0.252
0.256
0.260
D1(3)
2.200
0.087
E
6.200
6.400
6.600
0.244
0.252
0.260
E1
(2)
2.
Dimension “E1” does not include interlead flash or protrusions. Intelead flash or protrusions shall not exceed 0.25mm per
side.
4.300
4.400
4.500
0.170
0.173
0.177
E2
(3)
3.
The size of exposed pad is variable depending of leadframe design pad size. End user should verify “D1” and “E2”
dimensions for each device application.
1.500
0.059
e
0.650
0.025
L
0.450
0.600
0.750
0.018
0.024
0.030
L1
1.000
0.039
k
0° min., 8° max.
aaa
0.100
0.004
Figure 42. Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com