Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 13Page - STMicroelectronics M41T93RMY6F Datasheet HTML 14Page - STMicroelectronics M41T93RMY6F Datasheet HTML 15Page - STMicroelectronics M41T93RMY6F Datasheet HTML 16Page - STMicroelectronics M41T93RMY6F Datasheet HTML 17Page - STMicroelectronics M41T93RMY6F Datasheet HTML 18Page - STMicroelectronics M41T93RMY6F Datasheet HTML 19Page - STMicroelectronics M41T93RMY6F Datasheet HTML 20Page - STMicroelectronics M41T93RMY6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
M41T93
Clock operation
17/49
3.2
Clock/control register map
The M41T93 offers 32 internal registers which contain Clock, Calibration (Digital and
Analog), Alarm 1 and 2, Watchdog, Flags, Timer, and Square Wave. The Clock registers are
memory locations which contain external (user accessible) and internal copies of the data
(usually referred to as BiPORT™ TIMEKEEPER® cells). The external copies are
independent of internal functions except that they are updated periodically by the
simultaneous transfer of the incremented internal copy. The internal divider (or clock) chain
will be reset upon the completion of a WRITE to any clock address (00h to 07h). The
system-to-user transfer of clock data will be halted whenever the address being read is a
clock address (00h to 07h). The update will resume either due to a Stop Condition or when
the pointer increments to a non-clock address. Clock and Alarm Registers store data in BCD
format. Calibration, Timer, Watchdog, and Square Wave Bits are written in a Binary Format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com