Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 38 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 34Page - STMicroelectronics M41T93RMY6F Datasheet HTML 35Page - STMicroelectronics M41T93RMY6F Datasheet HTML 36Page - STMicroelectronics M41T93RMY6F Datasheet HTML 37Page - STMicroelectronics M41T93RMY6F Datasheet HTML 38Page - STMicroelectronics M41T93RMY6F Datasheet HTML 39Page - STMicroelectronics M41T93RMY6F Datasheet HTML 40Page - STMicroelectronics M41T93RMY6F Datasheet HTML 41Page - STMicroelectronics M41T93RMY6F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
DC and AC parameters
M41T93
38/49
Note:
1
Externally supplied if using the QFN16 package. STMicroelectronics recommends the
Citizen CFS-145 (1.5x5mm) and the KDS DT-38 (3x8mm) for thru-hole, or the KDS DMX-
26S (3.2x8mm) for surface-mount, tuning fork-type quartz crystals.
KDS can be contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp.
Citizen can be contacted at csd@citizen-america.com or http://www.citizencrystal.com.
2
Load capacitors are integrated within the M41T93. Circuit board layout considerations for
the 32.768kHz crystal of minimum trace lengths and isolation from RF generating signals
should be taken into account.
3
Guaranteed by design.
1.
With default Analog Calibration value ( = 0).
2.
Reference value
3.
TA = 25°C, VCC = 5.0V.
Table 19.
Crystal electrical characteristics
Symbol
Parameter(1,2)
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
65(3)
k
Ω
CL
Load capacitance
12.5
pF
Table 20.
Oscillator characteristics
Symbol
Parameter(1,2)
Conditions
Min
Typ
Max
Units
VSTA
Oscillator start voltage
≤4s
2.0
V
tSTA
Oscillator start time
VCC = VSO
1s
CXI, CXO
(1)
Capacitor Input, capacitor output
25
pF
IC-to-IC frequency variation(2,3)
–10
+10
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com