Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 22Page - STMicroelectronics M41T93RMY6F Datasheet HTML 23Page - STMicroelectronics M41T93RMY6F Datasheet HTML 24Page - STMicroelectronics M41T93RMY6F Datasheet HTML 25Page - STMicroelectronics M41T93RMY6F Datasheet HTML 26Page - STMicroelectronics M41T93RMY6F Datasheet HTML 27Page - STMicroelectronics M41T93RMY6F Datasheet HTML 28Page - STMicroelectronics M41T93RMY6F Datasheet HTML 29Page - STMicroelectronics M41T93RMY6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Clock operation
M41T93
26/49
Figure 13.
Crystal isolation example
Note:
The substrate pad should be tied to VSS.
3.5
Setting the alarm clock registers
Address locations 0Ah-0Eh (Alarm 1) and 14h-18h (Alarm 2) contain the alarm settings.
Either alarm can be configured independently to go off at a prescribed time on a specific
month, date, hour, minute, or second, or repeat every year, month, day, hour, minute, or
second. Bits RPT15–RPT11 and RPT25-RPT21 put the alarms in the repeat mode of
operation. Table6 on page27 shows the possible bit configurations.
Codes not listed in the table default to the once-per-second mode to quickly alert the user of
an incorrect alarm setting. When the clock information matches the alarm clock settings
based on the match criteria defined by RPT15–RPT11 and/or RPT25-RPT21, AF1 (Alarm 1
Flag) or AF2 (Alarm 2 Flag) is set. If A1IE (Alarm 1 Interrupt Enable) is set, the alarm
condition activates the IRQ/FT/OUT output pin. To disable either of the alarms, write a '0' to
the Alarm Date Registers and to the RPTx5–RPTx1 Bits.
Note:
If the address pointer is allowed to increment to the Flag Register address, or the last
address written is “Alarm Seconds,” the address pointer will increment to the Flag address,
and an alarm condition will not cause the Interrupt/Flag to occur until the address pointer is
moved to a different address.
The IRQ output is cleared by a READ to the Flags Register (0Fh) as shown in Figure 14. A
subsequent READ of the Flags Register is necessary to see that the value of the Alarm Flag
has been reset to '0.'.
The IRQ/FT/OUT pin can also be activated in the battery back-up mode (see Figure 15 on
page 27).
AI11814
Crystal
XI XO
VSS
Local Grounding
Plane (Layer 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com