Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 27Page - STMicroelectronics M41T93RMY6F Datasheet HTML 28Page - STMicroelectronics M41T93RMY6F Datasheet HTML 29Page - STMicroelectronics M41T93RMY6F Datasheet HTML 30Page - STMicroelectronics M41T93RMY6F Datasheet HTML 31Page - STMicroelectronics M41T93RMY6F Datasheet HTML 32Page - STMicroelectronics M41T93RMY6F Datasheet HTML 33Page - STMicroelectronics M41T93RMY6F Datasheet HTML 34Page - STMicroelectronics M41T93RMY6F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
M41T93
Clock operation
31/49
3.9
Square wave output
The M41T93 offers the user a programmable square wave function which is output on the
SQW pin. RS3-RS0 bits located in 13h establish the square wave output frequency. These
frequencies are listed in Table 4. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the Square
Wave Enable Bit (SQWE) located in Register 0Ah.
Note:
If the SQWE Bit is set to '1', and VCC falls below the switchover (VSO) voltage, the
squarewave output will be disabled.
Table 11.
Square wave output frequency
Square Wave Bits
Square Wave
RS3
RS2
RS1
RS0
Frequency
Units
0000
None
–
0001
32.768
kHz
0010
8.192
kHz
0011
4.096
kHz
0100
2.048
kHz
0101
1.024
kHz
0110
512
Hz
0111
256
Hz
1000
128
Hz
1001
64
Hz
1010
32
Hz
1011
16
Hz
11008
Hz
11014
Hz
11102
Hz
11111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com