Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 30Page - STMicroelectronics M41T93RMY6F Datasheet HTML 31Page - STMicroelectronics M41T93RMY6F Datasheet HTML 32Page - STMicroelectronics M41T93RMY6F Datasheet HTML 33Page - STMicroelectronics M41T93RMY6F Datasheet HTML 34Page - STMicroelectronics M41T93RMY6F Datasheet HTML 35Page - STMicroelectronics M41T93RMY6F Datasheet HTML 36Page - STMicroelectronics M41T93RMY6F Datasheet HTML 37Page - STMicroelectronics M41T93RMY6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Clock operation
M41T93
34/49
3.15
Initial power-on defaults
Upon initial application of power to the device, the register bits will initially power-on in the
state indicated in Table 13 and Table 14.
Table 13.
Initial power-on default values (part 1)
1.
All other control bits power-up in an undetermined state.
2.
With battery back-up
3.
BMB0-BMB4, RB0, RB1
4.
UC = Unchanged
Table 14.
Initial power-up default values (part 2)
1.
All other control bits power-up in an undetermined state.
2.
With battery back-up
3.
UC = Unchanged
3.16
OTP bit operation
When the OTP (One Time Programmable) Bit is set to a '1,' the value in the internal OTP
registers will be transferred to the analog calibration register (12h) and are “Read only.” The
OTP value is programmed by the manufacturer, and will contain the calibration value
necessary to achieve ±5 ppm at room temperature.
If the OTP Bit is set to '0,' the analog calibration register will become a WRITE/READ
register and function like standard SRAM memory cells, allowing the user to implement any
desired value of analog calibration.
When the user sets the OTP Bit, they need to wait for approximately 3 to 4ms before the
analog registers transfer the value from the OTP to the analog registers due to the OTP
Read operation.
Condition(1)
ST
CB1 CB0 OUT
FT
DCS
ACS
Digital
Calib.
Analog
Calib.
OFIE
Watchdog
(3)
A1IE
SQWE ABE
Initial
Power-up
00
0
1
0
0
0
0
0
0
0
1
0
Subsequent
Power-up(2,4)
UC
UC
UC
UC
0
UC
UC
UC
UC
0
UC
UC
UC
Condition(1)
RPT11-15
HT
OF
TE
TI/TP
TIE
TD1
TD0 RS0 RS1-3
OTP
RPT21-
25
AL2E
Initial
Power-up
01
1
0
0
0
1
1
1
0
0
0
0
Subsequent
Power-up(2,3)
UC
1
UC
0
UC
UC
UC
UC
UC
UC
UC
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com