Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93RMY6F Datasheet(PDF) 47 Page - STMicroelectronics

Part # M41T93RMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 41Page - STMicroelectronics M41T93RMY6F Datasheet HTML 42Page - STMicroelectronics M41T93RMY6F Datasheet HTML 43Page - STMicroelectronics M41T93RMY6F Datasheet HTML 44Page - STMicroelectronics M41T93RMY6F Datasheet HTML 45Page - STMicroelectronics M41T93RMY6F Datasheet HTML 46Page - STMicroelectronics M41T93RMY6F Datasheet HTML 47Page - STMicroelectronics M41T93RMY6F Datasheet HTML 48Page - STMicroelectronics M41T93RMY6F Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
M41T93
Part numbering
47/49
7
Part numbering
Table 25.
Ordering information
1.
The SOX18 package includes an embedded 32,768Hz crystal. Contact local ST sales office for availability.
For other options, or for more information on any aspect of this device, please contact the ST Sales
Office nearest you.
Example:
M41T
93
R
QA
6
E
Device Family
M41T
Device Type
93
Operating Voltage
S = VCC = 3.00 to 5.5V
R = VCC = 2.70 to 5.5V
Z = VCC = 2.38 to 5.5V
Package
QA = QFN16 (4mm x 4mm)
MY(1) = SOX18
Temperature Range
6 = –40°C to 85°C
Shipping Method
E = ECOPACK Package, Tubes
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com