Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA323W
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 9Page - STMicroelectronics STA323W Datasheet HTML 10Page - STMicroelectronics STA323W Datasheet HTML 11Page - STMicroelectronics STA323W Datasheet HTML 12Page - STMicroelectronics STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13/41
STA323W
7.1.3 Thermal Warning Recovery Bypass
If the Thermal Warning Adjustment is enabled (TWAB=0), then the Thermal Warning Recovery will deter-
mine if the adjustment is removed when Thermal Warning is negative. If TWRB=0 and TWAB=0, then
when a thermal warning disappears the gain adjustment determined by the Thermal Warning Post-
Scale(default = -3dB) will be removed and the gain will be added back to the system. If TWRB=1 and
TWAB=0, then when a thermal warning disappears the Thermal Warning Post-Scale gain adjustment will
remain until TWRB is changed to zero or the device is reset.
7.1.4 Thermal Warning Adjustment Bypass
The on-chip STA323W Power Output block provides feedback to the digital controller using inputs to the
Power Control block. The TWARN input is used to indicate a thermal warning condition. When TWARN
is asserted (set to 0) for a period greater than 400ms, the power control block will force an adjustment to
the modulation limit in an attempt to eliminate the thermal warning condition. Once the thermal warning
volume adjustment is applied, whether the gain is reapplied when TWARN is de-asserted is dependent
on the TWRB bit.
7.1.5 Fault Detect Recovery Bypass
The DDX Power block can provide feedback to the digital controller using inputs to the Power Control
block. The FAULT input is used to indicate a fault condition (either over-current or thermal). When FAULT
is asserted (set to 0), the power control block will attempt a recovery from the fault by asserting the tri-
state output (setting it to 0 which directs the power output block to begin recovery). It holds it at 0 for period
of time in the range of .1ms to 1 second as defined by the Fault-Detect Recovery Constant register (FDRC
registers 29-2Ah), then toggle it back to 1. This sequence is repeated as log as the fault indication exists.
This feature is enabled by default but can be bypassed by setting the FDRB control bit to 1.
7.2 CONFIGURATION REGISTER B (Address 01h)
7.2.1 Serial Audio Input Interface Format
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
1
TWRB
Thermal-Warning Recovery Bypass:
0 – Thermal warning Recovery enabled
1 – Thermal warning Recovery disabled
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
TWAB
Thermal-Warning Adjustment Bypass:
0 – Thermal warning adjustment enabled
1 – Thermal warning adjustment disabled
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
FDRB
Fault Detector Recovery Bypass:
0 – Fault Detector Recovery enabled
1 – Fault Detector Recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C1IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
1
0
0
0
0000
BIT
R/W
RST
NAME
DESCRIPTION
3…0
R/W
0000
SAI (3...0)
Serial Audio Input Interface Format: Determines the interface format of
the input serial digital audio interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com