Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA323W
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 11Page - STMicroelectronics STA323W Datasheet HTML 12Page - STMicroelectronics STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics STA323W Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15/41
STA323W
Table 10. Supported Serial Audio Input Formats
Table 11. Serial Input Data Timing characteristics (Fs = 32 to 192kHz)
BICKI
SAI (3...0)
SAIFB
Interface Format
32fs
1100
X
I2S 15bit Data
1110
X
Left/Right-Justified 16bit Data
48fs
0100
X
I2S 23bit Data
0100
X
I2S 20bit Data
1000
X
I2S 18bit Data
0100
0
MSB First I2S 16bit Data
1100
1
LSB First I2S 16bit Data
0001
X
Left-Justified 24bit Data
0101
X
Left-Justified 20bit Data
1001
X
Left-Justified 18bit Data
1101
X
Left-Justified 16bit Data
0010
X
Right-Justified 24bit Data
0110
X
Right-Justified 20bit Data
1010
X
Right-Justified 18bit Data
1110
X
Right-Justified 16bit Data
64fs
0000
X
I2S 24bit Data
0100
X
I2S 20bit Data
1000
X
I2S 18bit Data
0000
0
MSB First I2S 16bit Data
1100
1
LSB First I2S 16bit Data
0001
X
Left-Justified 24bit Data
0101
X
Left-Justified 20bit Data
1001
X
Left-Justified 18bit Data
1101
X
Left-Justified 16bit Data
0010
X
Right-Justified 24bit Data
0110
X
Right-Justified 20bit Data
1010
X
Right-Justified 18bit Data
1110
X
Right-Justified 16bit Data
BICKI FREQUENCY (slave mode)
12.5MHz max.
BICKI pulse width low (T0) (slave mode)
40 ns min.
BICKI pulse width high (T1) (slave mode)
40 ns min.
BICKI active to LRCKI edge delay (T2)
20 ns min.
BICKI active to LRCKI edge delay (T3)
20 ns min.
SDI valid to BICKI active setup (T4)
20 ns min.
BICKI active to SDI hold time (T5)
20 ns min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com