Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA323W
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 20Page - STMicroelectronics STA323W Datasheet HTML 21Page - STMicroelectronics STA323W Datasheet HTML 22Page - STMicroelectronics STA323W Datasheet HTML 23Page - STMicroelectronics STA323W Datasheet HTML 24Page - STMicroelectronics STA323W Datasheet HTML 25Page - STMicroelectronics STA323W Datasheet HTML 26Page - STMicroelectronics STA323W Datasheet HTML 27Page - STMicroelectronics STA323W Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
STA323W
24/41
Table 20. AutoMode Gain Compression/Limiters
7.9.2 AMPS – AutoMode Auto Prescale
7.9.3 Register – AutoMode AM/Pre-Scale/Bass Management Scale (Address 0Ch)
7.9.3.1AutoMode AM Switching Enable
Table 21. AutoMode AM Switching Frequency Selection
When DDX® is used concurrently with an AM radio tuner, it is advisable to use the AMAM bits to automat-
ically adjust the output PWM switching rate dependent upon the specific radio frequency that the tuner is
receiving. The values used in AMAM are also dependent upon the sample rate determined by the ADC
used.
7.9.3.2AutoMode Crossover Setting
AMGC (1...0)
Mode
00
User Programmable GC
01
AC No Clipping
10
AC Limited Clipping (10%)
11
DRC Nighttime Listening Mode
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
AMPS
AutoMode Pre-Scale
0 – -18dB used for Pre-scale when AMEQ /= 00
1 – User Defined Pre-scale when AMEQ /= 00
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
00
0000
00
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
AMAME
AutoMode AM Enable
0 – Switching Frequency Determined by PWMS Setting
1 – Switching Frequency Determined by AMAM Settings
3…1
R/W
000
AMAM (2…0)
AM Switching Frequency Setting
Default: 000
AMAM (2..0)
48kHz/96kHz Input Fs
44.1kHz/88.2kHz Input Fs
000
0.535MHz – 0.720MHz
0.535MHz – 0.670Mhz
001
0.721MHz – 0.900MHz
0.671MHz – 0.800MHz
010
0.901MHz – 1.100MHz
0.801MHz – 1.000MHz
011
1.101MHz – 1.300MHz
1.001MHz – 1.180MHz
100
1.301MHz – 1.480MHz
1.181MHz – 1.340Mhz
101
1.481MHz – 1.600MHz
1.341MHz – 1.500MHz
110
1.601MHz – 1.700MHz
1.501MHz – 1.700MHz
BIT
R/W
RST
NAME
DESCRIPTION
7…4
R/W
0
XO (3…0)
AutoMode Crossover Frequency Selection
000 – User Defined Crossover coefficients are used
Otherwise – Preset coefficients for the crossover setting desired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com