Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA323W
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics STA323W Datasheet HTML 19Page - STMicroelectronics STA323W Datasheet HTML 20Page - STMicroelectronics STA323W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
17/41
STA323W
Table 12. DDX® Output Modes
7.4.2 5.3.2DDX® Variable Compensating Pulse Size
The DDX® variable compensating pulse size is intended to adapt to different power stage ICs. Contact
Apogee applications for support when deciding this function.
Table 13. DDX® Compensating Pulse
7.5 Configuration Register D (Address 03h)
7.5.1 High-Pass Filter Bypass
The STA323W features an internal digital high-pass filter for the purpose of DC Blocking. The purpose of
this filter is to prevent DC signals from passing through a DDX® amplifier. DC signals can cause speaker
damage.
7.5.2 De-Emphasis
By setting this bit to HIGH, or one (1), de-emphasis will implemented on all channels. DSPB (DSP Bypass,
Bit D2, CFA) bit must be set to 0 for De-emphasis to function.
OM (1,0)
Output Stage – Mode
00
Not Used
01
Not Used
10
DDX-2060/2100/2160
11
Variable Compensation
CSZ (4…0)
Compensating Pulse Size
00000
0 Clock period Compensating Pulse Size
00001
1 Clock period Compensating Pulse Size
……
10000
16 Clock period Compensating Pulse Size
……
11111
31 Clock period Compensating Pulse Size
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
00
0
0
0
0
0
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
HPB
High-Pass Filter Bypass Bit.
0 – AC Coupling High Pass Filter Enabled
1 – AC Coupling High Pass Filter Disabled
BIT
R/W
RST
NAME
DESCRIPTION
1
R/W
0
DEMP
De-emphasis:
0 – No De-emphasis
1 – De-emphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com