Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA323W
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 27Page - STMicroelectronics STA323W Datasheet HTML 28Page - STMicroelectronics STA323W Datasheet HTML 29Page - STMicroelectronics STA323W Datasheet HTML 30Page - STMicroelectronics STA323W Datasheet HTML 31Page - STMicroelectronics STA323W Datasheet HTML 32Page - STMicroelectronics STA323W Datasheet HTML 33Page - STMicroelectronics STA323W Datasheet HTML 34Page - STMicroelectronics STA323W Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
31/41
STA323W
8
USER PROGRAMMABLE PROCESSING
8.1 EQ - BIQUAD EQUATION
The biquads use the equation that follows. This is diagrammed in Figure 14 below.
Y[n] = 2(b0/2)X[n] + 2(b1/2)X[n-1] + b2X[n-2] - 2(a1/2)Y[n-1] - a2Y[n-2]
= b0X[n] + b1X[n-1] + b2X[n-2] - a1Y[n-1] - a2Y[n-2]
where Y[n] represents the output and X[n] represents the input.
Multipliers are 28-bit signed fractional
multipliers, with coefficient values in the range of 800000h (-1) to 7FFFFFh (0.9999998808).
Coefficients stored in the User Defined Coefficient RAM are referenced in the following manner:
– CxHy0 = b1/2
– CxHy1 = b2
– CxHy2 = -a1/2
– CxHy3 = -a2
– CxHy4 = b0/2
The x represents the channel and the y the biquad number. For example C3H41 is the b0/2 coefficient in
the fourth biquad for channel 3
Figure 15. - Biquad Filter
8.2 PRE-SCALE
The Pre-Scale block which precedes the first biquad is used for attenuation when filters are designed that
boost frequencies above 0dBFS. This is a single 28-bit signed multiplier, with 800000h = -1 and 7FFFFFh
= 0.9999998808. By default, all pre-scale factors are set to 7FFFFFh.
8.3 POST-SCALE
The STA323W provides one additional multiplication after the last interpolation stage and before the dis-
tortion compensation on each channel. This is a 24-bit signed fractional multiplier. The scale factor for
this multiplier is loaded into RAM using the same I2C registers as the biquad coefficients and the mix. All
channels can use the same settings as channel 1 by setting the post-scale link bit.
8.4 MIX/BASS MANAGEMENT
The STA323W provides a post-EQ mixing block per channel. Each channel has 2 mixing coefficients,
which are each 24-bit signed fractional multipliers, that correspond to the 2 channels of input to the mixing
block. These coefficients are accessible via the User Controlled Coefficient RAM described below. The
mix coefficients are expressed as 24-bit signed; fractional numbers in the range +1.0 (8388607) to -1.0 (-
8388608) are used used to provide three channels of output from two channels of filtered input.
+
+
+
2
2
-a2
-a1 /2
b2
b1 /2
b0 /2
Z -1
Z -1
Z -1
Z -1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com