Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA323W
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 32Page - STMicroelectronics STA323W Datasheet HTML 33Page - STMicroelectronics STA323W Datasheet HTML 34Page - STMicroelectronics STA323W Datasheet HTML 35Page - STMicroelectronics STA323W Datasheet HTML 36Page - STMicroelectronics STA323W Datasheet HTML 37Page - STMicroelectronics STA323W Datasheet HTML 38Page - STMicroelectronics STA323W Datasheet HTML 39Page - STMicroelectronics STA323W Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
STA323W
36/41
8.10 Writing a set of coefficients to RAM
■ write 8-bits of starting address to I
2C register 16h
■ write top 8-bits of coefficient b1 in I
2C address 17h
■ write middle 8-bits of coefficient b1 in I
2C address 18h
■ write bottom 8-bits of coefficient b1 in I
2C address 19h
■ write top 8-bits of coefficient b2 in I
2C address 1Ah
■ write middle 8-bits of coefficient b2 in I
2C address 1Bh
■ write bottom 8-bits of coefficient b2 in I
2C address 1Ch
■ write top 8-bits of coefficient a1 in I
2C address 1Dh
■ write middle 8-bits of coefficient a1 in I
2C address 1Eh
■ write bottom 8-bits of coefficient a1 in I
2C address 1Fh
■ write top 8-bits of coefficient a2 in I
2C address 20h
■ write middle 8-bits of coefficient a2 in I
2C address 21h
■ write bottom 8-bits of coefficient a2 in I
2C address 22h
■ write top 8-bits of coefficient b0 in I
2C address 23h
■ write middle 8-bits of coefficient b0 in I
2C address 24h
■ write bottom 8-bits of coefficient b0 in I
2C address 25h
■ write 1 to WA bit in I
2C address 26h
The mechanism for writing a set of coefficients to RAM provides a method of updating the five coefficients
corresponding to a given biquad (filter) simultaneously to avoid possible unpleasant acoustic side-effects.
When using this technique, the 8-bit address would specify the address of the biquad b1 coefficient (e.g.
0, 5, 10, 15, …, 45 decimal), and the STA323W will generate the RAM addresses as offsets from this
base value to write the complete set of coefficient data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com