Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3267C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3267C/D
Description  1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3267C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3267C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.25Gbps/2.5Gbps, +3V to +5.5V, Low-Noise
Transimpedance Preamplifiers for LANs
_______________________________________________________________________________________
7
Output Filter
The MAX3266 includes a one-pole lowpass filter that
limits the circuit bandwidth and improves noise perform-
ance.
DC Cancellation Circuit
The DC cancellation circuit uses low-frequency feed-
back to remove the DC component of the input signal
(Figure 4). This feature centers the input signal within
the transimpedance amplifier’s linear range, thereby
reducing pulse-width distortion on large input signals.
The DC cancellation circuit is internally compensated
and therefore does not require external capacitors. This
circuit minimizes pulse-width distortion for data
sequences that exhibit a 50% duty cycle. A duty cycle
significantly different from 50% will cause the MAX3266
to generate pulse-width distortion.
DC cancellation current is drawn from the input and
creates noise. For low-level signals with little or no DC
component, this is not a problem. Amplifier noise will
increase for signals with significant DC component (see
Typical Operating Characteristics).
Applications Information
Optical Power Relations
Many of the MAX3266 specifications relate to the input
signal amplitude. When working with fiber optic
receivers, the input is usually expressed in terms of aver-
age optical power and extinction ratio. Figure 5 shows
relations that are helpful for converting optical power to
input signal when designing with the MAX3266.
Optical power relations are shown in Table 1; the defini-
tions are true if the average duty cycle of the input data
is 50%.
Optical Sensitivity Calculation
The input-referred RMS noise current (IN) of the
MAX3266 generally determines the receiver sensitivity.
To obtain a system bit error rate (BER) of 1E-12, the
SNR ratio must always exceed 14.1. The input sensitivi-
ty, expressed in average power, can be estimated as:
Where
ρ is the photodiode responsivity in A/W.
Input Optical Overload
The overload is the largest input that the MAX3266
accepts while meeting specifications. The optical over-
load can be estimated in terms of average power with
the following equation:
Overload
mA
dBm
log
=
10
1
2
1000
ρ
Sensitivity
Ir
r
dBm
Ne
e
=
+
()
−
()
10
14 1
1
21
1000
log
.
ρ
AMPLITUDE
OUTPUT (LARGE SIGNALS)
TIME
OUTPUT (SMALL SIGNALS)
Figure 3. MAX3266 Limited Output
Figure 4. DC Cancellation Effect on Input
AMPLITUDE
INPUT FROM PHOTODIODE
TIME
INPUT (AFTER DC CANCELLATION)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com