Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3267C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3267C/D
Description  1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3267C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3267C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.25Gbps/2.5Gbps, +3V to +5.5V, Low-Noise
Transimpedance Preamplifiers for LANs
4
_______________________________________________________________________________________
50
60
55
70
65
75
1M
10M
100M
1G
10G
FREQUENCY RESPONSE
FREQUENCY (Hz)
MAX3267
MAX3266
740
890
840
790
940
990
1040
1090
0
25
50
75
100
MAX3266
BANDWIDTH vs. TEMPERATURE
JUNCTION TEMPERATURE (
°C)
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDING
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE.
CIN = 1.5pF
CIN = 1.0pF
CIN = 0.5pF
1500
1700
1800
1900
2000
2100
2200
2300
2400
-50
-25
0
25
50
75
100
MAX3267
BANDWIDTH vs. TEMPERATURE
JUNCTION TEMPERATURE (
°C)
1600
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDING
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE.
CIN = 1.5pF
CIN = 0.5pF
CIN = 1.0pF
0
100
50
150
200
250
300
350
-50
0
-25
25
75
50
100
OUTPUT AMPLITUDE vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
170
180
190
200
210
220
230
240
250
0
255075
100
MAX3266
INPUT-REFERRED NOISE vs. TEMPERATURE
JUNCTION TEMPERATURE (
°C)
CIN = 1.5pF
CIN = 1.0pF
CIN = 0.5pF
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDING
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE.
350
400
450
500
550
600
650
-50
75
0
-25
25
50
100
MAX3267
INPUT-REFERRED NOISE vs. TEMPERATURE
JUNCTION TEMPERATURE (
°C)
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE, INCLUDING
PACKAGE PARASITIC, PIN DIODE,
AND PARASITIC INTERCONNECT
CAPACITANCE.
CIN = 1.5pF
CIN = 1.0pF
CIN = 0.5pF
100
20
10
0
10
100
1000
DETERMINISTIC JITTER
vs. INPUT AMPLITUDE
PEAK-TO-PEAK AMPLITUDE (
µA)
40
30
60
70
50
80
90
MAX3266
MAX3267
0
300
200
100
400
500
600
700
800
900
1000
1
10
100
1000
INPUT-REFERRED RMS NOISE CURRENT
vs. DC INPUT CURRENT
DIFFERENTIAL DC INPUT CURRENT (
µA)
MAX3267
MAX3266
60
63
62
61
64
65
66
67
68
69
70
-50
-25
0
25
50
75
100
SMALL-SIGNAL TRANSIMPEDANCE
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
MAX3266
MAX3267
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, MAX3266/MAX3267 EV kit, source capacitance = 0.85pF, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com