Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3267C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3267C/D
Description  1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3267C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3267C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1.25Gbps/2.5Gbps, +3V to +5.5V, Low-Noise
Transimpedance Preamplifiers for LANs
160ps/div
EYE DIAGRAM (INPUT = 10
µAp-p)
4mV/div
INPUT: 27-1 PRBS
160ps/div
EYE DIAGRAM (INPUT = 1mAp-p)
30mV/div
INPUT: 27-1 PRBS
80ps/div
EYE DIAGRAM (INPUT = 20
µAp-p)
5mV/div
INPUT: 27-1 PRBS
NAME
FUNCTION
1
VCC
Supply Voltage
PIN
Pin Description
2
N.C.
No Connection. Not internally connected.
3
IN
Amplifier Input
4
FILTER
Provides bias voltage for the photodiode through a 1.5k
Ω resistor to VCC. When grounded, this pin disables
the DC Cancellation Amplifier to allow a DC path from IN to OUT+ and OUT- for testing.
5
GND
Ground
6
OUT-
Inverting Output. Current flowing into IN causes VOUT- to decrease.
7
OUT+
Noninverting Output. Current flowing into IN causes VOUT+ to increase.
8
GND
Ground
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, MAX3266/MAX3267 EV kit, source capacitance = 0.85pF, unless otherwise noted.)
-150
-100
-50
0
50
100
150
-200
-100
-150
-50
0
50
100 150 200
DC TRANSFER FUNCTION
INPUT CURRENT (
µA)
MAX3267
MAX3266
80ps/div
EYE DIAGRAM (INPUT = 1mAp-p)
30mV/div
INPUT: 27-1 PRBS
_______________________________________________________________________________________
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com