Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3267C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3267C/D
Description  1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3267C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3267C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX3266 is a transimpedance preamplifier for
1.25Gbps local area network (LAN) fiber optic
receivers. The circuit features 200nA input-referred
noise, 920MHz bandwidth, and 1mA input overload.
The MAX3267 provides a pin-for-pin compatible solu-
tion for communications up to 2.5Gbps. It features
500nA input-referred noise, 1.9GHz bandwidth, and
1mA input overload.
Both devices operate from a +3.0V to +5.5V single sup-
ply and require no compensation capacitor. They also
include a space-saving filter connection that provides
positive bias for the photodiode through a 1.5k
Ω resistor
to VCC. These features allow easy assembly into a TO-46
or TO-56 header with a photodiode.
The 1.25Gbps MAX3266 has a typical optical dynamic
range of -24dBm to 0dBm in a shortwave (850nm)
configuration or -27dBm to -3dBm in a longwave
(1300nm) configuration. The 2.5Gbps MAX3267 has a
typical optical dynamic range of -21dBm to 0dBm in a
shortwave configuration or -24dBm to -3dBm in a long-
wave configuration.
Applications
Gigabit Ethernet
1Gbps to 2.5Gbps Optical Receivers
Fibre Channel
Features
o 200nA Input-Referred Noise (MAX3266)
500nA Input-Referred Noise (MAX3267)
o 920MHz Bandwidth (MAX3266)
1900MHz Bandwidth (MAX3267)
o 1mA Input Overload
o +3.0V to +5.5V Single-Supply Voltage
1.25Gbps/2.5Gbps, +3V to +5.5V, Low-Noise
Transimpedance Preamplifiers for LANs
________________________________________________________________ Maxim Integrated Products
1
OUT-
GND
FILTER
1
2
8
7
GND
OUT+
N.C.
IN
VCC
SO
TOP VIEW
3
4
6
5
MAX3266
MAX3267
0.01
µF
PHOTODIODE
1.5k
VCC
VCC
GND
FILTER
IN
0.1
µF
OUT+
OUT-
0.1
µF
CFILTER
400pF
100
Ω
MAX3266
MAX3267
LIMITING
AMPLIFIER
Typical Application Circuit
19-4796; Rev 1; 6/00
PART
MAX3266CSA
MAX3266C/D
—
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 SO
Dice*
EVALUATION
KIT
AVAILABLE
*Dice are designed to operate over a -40°C to +140°C junction tem-
perature (Tj) range, but are tested and guaranteed at TA = +25°C.
Pin Configuration
Ordering Information
MAX3267CSA
MAX3267C/D
—
0°C to +70°C
8 SO
Dice*
MAX3267ESA
-40°C to +85°C
8 SO
MAX3267E/D
—
Dice*
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX3267C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3267C/D MAXIM-MAX3267C/D Datasheet
152Kb / 8P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
More results

Similar Description - MAX3267C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3266 MAXIM-MAX3266 Datasheet
152Kb / 8P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3864 MAXIM-MAX3864 Datasheet
867Kb / 12P
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier
19-1790; Rev 0; 8/00
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3825 MAXIM-MAX3825 Datasheet
616Kb / 8P
3.3V, 2.5Gbps Quad Transimpedance Amplifier for System Interconnects
Rev 0; 11/00
PHY1095 MAXIM-PHY1095 Datasheet
329Kb / 10P
1.25Gbps High Sensitivity Transimpedance Amplifier
19-5689; Rev 1/11
PHY1097 MAXIM-PHY1097 Datasheet
363Kb / 10P
2.5Gbps High Sensitivity Transimpedance Amplifier
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com