Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3267C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3267C/D
Description  1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3267C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3267C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ps
1.25Gbps/2.5Gbps, +3V to +5.5V, Low-Noise
Transimpedance Preamplifiers for LANs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX3266C/MAX3267C
(VCC = +3.0V to +5.5V, TA = 0°C to +70°C, 100
Ω load between OUT+ and OUT-. Typical values are at TA = +25°C, VCC = 3.3V,
source capacitance = 0.85pF, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC - GND) .................................-0.5V to +6.0V
IN Current..............................................................-4mA to +4mA
FILTER Current......................................................-8mA to +8mA
Voltage at OUT+, OUT- ...................(VCC - 1.5V) to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 6.7mW/°C above +70°C)..................533mW
Storage Temperature Range .............................-55°C to +150°C
Operating Junction Temperature (die) ..............-55°C to +150°C
Processing Temperature (die) .........................................+400°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX3267
MAX3266
MAX3267
MAX3266
MAX3267
MAX3266
MAX3266
MAX3267
MAX3266
Power-Supply Rejection Ratio
(PSRR)
50
dB
Output referred, f < 2MHz,
PSRR = -20log (
∆VOUT/∆VCC)
19
76
Transimpedance Linear Range
40
µAp-p
30
Low-Frequency Cutoff
44
kHz
750
920
1100
Small-Signal Bandwidth
1530
1900
2420
MHz
Peak-to-peak,
0.95 < linearity < 1.05
-3dB, input
≤ 20µA DC
6.6
Input-Referred RMS Noise
485
655
nA
200
DC Input Overload
AC Input Overload
1.0
mAp-p
0.65
mA
192
256
SO package
(Note 2)
Die, packaged in TO-56
header (Note 2)
PARAMETER
MIN
TYP
MAX
UNITS
Filter Resistor
1220
1500
1860
Ω
Output Impedance
48
50
52
Ω
Transimpedance
1540
1900
2330
Ω
Supply Current
Input Bias Voltage
0.69
0.83
0.91
V
26
50
mA
2260
2800
3400
CONDITIONS
Single ended (per side)
Differential, measured
with 30µAp-p signal
(40µAp-p for MAX3267)
Maximum Differential Output
Voltage
185
250
415
mVp-p
Input = 1mAp-p
MAX3266
MAX3267
Input-Referred Noise Density
11.0
pA/(Hz)1/2
(Note 2)
Deterministic Jitter
12
50
ps
(Note 3)
MAX3266
MAX3267



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com