Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3267C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3267C/D
Description  1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3267C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3267C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3267C/D Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1.25Gbps/2.5Gbps, +3V to +5.5V, Low-Noise
Transimpedance Preamplifiers for LANs
6
_______________________________________________________________________________________
Detailed Description
The MAX3266 is a transimpedance amplifier designed
for 1.25Gbps fiber optic applications. Figure 2 is a func-
tional diagram of the MAX3266, which comprises a trans-
impedance amplifier, a voltage amplifier, an output
buffer, an output filter, and a DC cancellation circuit.
The MAX3267, a transimpedance amplifier designed
for 2.5Gbps fiber optic applications, shares similar
architecture with the MAX3266.
Transimpedance Amplifier
The signal current at the input flows into the summing
node of a high-gain amplifier. Shunt feedback through
RF converts this current to a voltage with gain of approx-
imately 2.2k
Ω (1.0kΩ for MAX3267). Schottky diodes
clamp the output voltage for large input currents, as
shown in Figure 3.
Voltage Amplifier
The voltage amplifier converts single-ended signals to
differential signals and introduces a voltage gain.
Output Buffer
The output buffer provides a reverse-terminated volt-
age output. The buffer is designed to drive a 100
Ω dif-
ferential load between OUT+ and OUT-. The output
current is divided between internal 50
Ω load resistors
and the external load resistor. In the typical operating
circuit, this creates a voltage-divider with gain of 1/2.
The MAX3266 can also be terminated with higher out-
put impedances, which increases gain and output volt-
age swing.
For optimum supply-noise rejection, the MAX3266
should be terminated with a differential load. If a single-
ended output is required, the unused output should be
similarly terminated. The MAX3266 will not drive a DC-
coupled, 50
Ω grounded load.
VOLTAGE
AMPLIFIER
TRANSIMPEDANCE
AMPLIFIER
OUTPUT
BUFFER
OUTPUT
FILTER
OUT+
50
Ω
50
Ω
OUT-
VCC
RF
VCC
LOWPASS FILTER
1.5k
FILTER
IN
GND
DC CANCELLATION
CIRCUIT
DISABLE
MAX3266
Figure 2. MAX3266 Functional Diagram
0.50
0.95
0.80
0.65
1.10
1.25
1.40
1.55
1.70
1.85
2.00
02
1
345
REVERSE BIAS (V)
Figure 1. Typical Photodiode Capacitance vs. Bias Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com