Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191AJ Datasheet(PDF) 24 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 24 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 20Page - Micro Analog systems MAS9191AJ Datasheet HTML 21Page - Micro Analog systems MAS9191AJ Datasheet HTML 22Page - Micro Analog systems MAS9191AJ Datasheet HTML 23Page - Micro Analog systems MAS9191AJ Datasheet HTML 24Page - Micro Analog systems MAS9191AJ Datasheet HTML 25Page - Micro Analog systems MAS9191AJ Datasheet HTML 26Page - Micro Analog systems MAS9191AJ Datasheet HTML 27Page - Micro Analog systems MAS9191AJ Datasheet HTML 28Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
DA9191A.000
July 31, 1997
FUNCTIONS
Register 02HEX (write only)
Bit
Name
State
Function
1-0
M1[1:0]
00
AGND
connected to amplifier A3 input
01
10mA gain
10
66mA gain
11
160mA gain
2
S10
0
AGND
connected to amplifier A4 input
1
Filter F7 output
3
S11
0
AGND
connected to amplifier A5 input
1
Filter F7 output
4
S9
0
AGND
summed to F7 input
1
Amplifier A2 output
6-5
RXTST0-
00
determined by S2
connected to DEOUT
RXTST1
01
C1
10
F2
11
C2
7
reserved
0
reserved for future use, set to 0
Register 03HEX (write only)
Bit
Name
State
Function
3-0
GC2[3:0]
0000-1111
Control range for GC2: -15.0dB … +15.0dB, 2.0dB/step
0000
-15.0dB
0001
-13.0dB
0010
-11.0dB
…….
1111
+15.0dB
1000
+1.0dB default value
4
S5
0
EXPOUT
connected to EXPOUT
1
EXPIN
5
S6
0
AGND
summed into F6 input
1
RAUDIN
6
S7
0
AGND
1
COMPIN
7
S8
0
AGND
summed into GC2 input
1
EINR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com