Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191AJ Datasheet(PDF) 32 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 32 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 28Page - Micro Analog systems MAS9191AJ Datasheet HTML 29Page - Micro Analog systems MAS9191AJ Datasheet HTML 30Page - Micro Analog systems MAS9191AJ Datasheet HTML 31Page - Micro Analog systems MAS9191AJ Datasheet HTML 32Page - Micro Analog systems MAS9191AJ Datasheet HTML 33Page - Micro Analog systems MAS9191AJ Datasheet HTML 34Page - Micro Analog systems MAS9191AJ Datasheet HTML 35Page - Micro Analog systems MAS9191AJ Datasheet HTML 36Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
DA9191A.000
July 31, 1997
FUNCTIONS
Register 15HEX (read only)
Bit
Name
State
Function
7-0
RX byte
SYS1 = 0
00H-FFH
When RXWRD is high
1
st byte
b0
b1
b2
b3
b4
b5
b6
b7
2
nd
byte
b8
b9
b10
b11
b12
b13
b14
b15
3
rd byte
b16
b17
b18
b19
b20
b21
b22
b23
4
th byte
b24
b25
b26
b27
0
0
0
0
7-0
RX byte
SYS1 = 1
00H-FFH
Captured byte with 400Hz after data comparator.
MSB = first captured bit.
The received word is read by reading register 15HEX four times.
Register 16HEX (write only)
Bit
Name
State
Function
7-0
DAC1[7:0]
00H-FFH
Control port for DAC1 output level
80H
100mVDC
FFH
100mVDC + 7FH x 13mVDC
00H
100mVDC + 80H x 13mVDC
7FH
100mVDC + FFH x 13mVDC
Register 17HEX (write only)
Bit
Name
State
Function
7-0
DAC2[7:0]
00H-FFH
Control port for DAC2 output level
80H
100mVDC
FFH
100mVDC + 7FH x 13mVDC
00H
100mVDC + 80H x 13mVDC
7FH
100mVDC + FFH x 13mVDC
Register 18HEX (write only)
Bit
Name
State
Function
7-0
DAC3[7:0]
00H-FFH
Control port for DAC3 output level
80H
100mVDC
FFH
100mVDC + 7FH x 13mVDC
00H
100mVDC + 80H x 13mVDC
7FH
100mVDC + FFH x 13mVDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com