Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191AJ Datasheet(PDF) 26 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 26 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 22Page - Micro Analog systems MAS9191AJ Datasheet HTML 23Page - Micro Analog systems MAS9191AJ Datasheet HTML 24Page - Micro Analog systems MAS9191AJ Datasheet HTML 25Page - Micro Analog systems MAS9191AJ Datasheet HTML 26Page - Micro Analog systems MAS9191AJ Datasheet HTML 27Page - Micro Analog systems MAS9191AJ Datasheet HTML 28Page - Micro Analog systems MAS9191AJ Datasheet HTML 29Page - Micro Analog systems MAS9191AJ Datasheet HTML 30Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
DA9191A.000
July 31, 1997
The register value for other frequencies may be calculated with the formula: LG[5:0] = (fOUT * 2
17) / 2.4MHz.
FUNCTIONS
Register 06HEX (write only)
Bit
Name
State
Function
7-0
HIGHF[7:0]
00H-FFH
Transmitted high frequency DTMF tone
Nominal
Real frequency
00000000
No signal
No signal
01000010
1209 Hz
1208.5 Hz
01001001
1336 Hz
1336.7 Hz
01010001
1477 Hz
1483.2 Hz
01011001
1633 Hz
1629.6 Hz
The register value for other frequencies may be calculated with the formula: HG[7:0] = (fOUT * 2
17) / 2.4MHz.
Register 07HEX (write only)
Bit
Name
State
Function
0
DTMFTP
0
DTMF transmitter in power down
1
DTMF transmitter active
1
DTMFRP
0
DTMF receiver in power down
1
DTMF receiver active
2
AUDIOP
0
AUDIO in power down
1
AUDIO active
3
TXSIP
0
Digital TX section in power down
1
Digital TX section active
4
RXSIP
0
Digital RX section in power down
1
Digital RX section active
5
XPDDAC1
0
DAC1 in power down
1
DAC1 active
6
XPDDAC2
0
DAC2 in power down
1
DAC2 active
7
XPDDAC3
0
DAC3 in power down
1
DAC3 active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com