Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191AJ Datasheet(PDF) 31 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 31 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 27Page - Micro Analog systems MAS9191AJ Datasheet HTML 28Page - Micro Analog systems MAS9191AJ Datasheet HTML 29Page - Micro Analog systems MAS9191AJ Datasheet HTML 30Page - Micro Analog systems MAS9191AJ Datasheet HTML 31Page - Micro Analog systems MAS9191AJ Datasheet HTML 32Page - Micro Analog systems MAS9191AJ Datasheet HTML 33Page - Micro Analog systems MAS9191AJ Datasheet HTML 34Page - Micro Analog systems MAS9191AJ Datasheet HTML 35Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
DA9191A.000
July 31, 1997
FUNCTIONS
Register 13HEX (write only)
Bit
Name
State
Function
1-0
DCC[1:0]
00-11
Digital color code
00
0000000
01
0011111
10
1100011
11
1111100
2
INVTX
0
TXDATA not inverted
1
Invert TXDATA polarity
3
INVRX
0
RX input not inverted
1
Invert RX input polarity
4
AUMUT
0
No automatic mute
1
TX and RX audio muted automatically on the voice channel
5
RINTE
0
RX interrupts disabled
1
RX interrupts enabled
6
STDE
0
STDE (DTMF receiver) interrupts disabled
1
STDE (DTMF receiver) interrupts enabled
7
SATINTE
0
SAT detection interrupts disabled
1
SAT detection interrupts enabled
Register 14HEX (write only)
Bit
Name
State
Function
1-0
SCC[1:0]
00
5958Hz-5982Hz SAT frequency expected
01
5988Hz-6012Hz SAT frequency expected
10
6018Hz-6042Hz SAT frequency expected
11
Invalid state
5-2
reserved
0000
reserved for future use, set to 0
6
SYS1
0
Wide band mode (AMPS/ETACS)
1
Narrow band mode (NAMPS)
7
NOMSAT
0
Transmitted SAT will follow received SAT
1
Nominal SAT frequency transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com