Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191AJ Datasheet(PDF) 16 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 12Page - Micro Analog systems MAS9191AJ Datasheet HTML 13Page - Micro Analog systems MAS9191AJ Datasheet HTML 14Page - Micro Analog systems MAS9191AJ Datasheet HTML 15Page - Micro Analog systems MAS9191AJ Datasheet HTML 16Page - Micro Analog systems MAS9191AJ Datasheet HTML 17Page - Micro Analog systems MAS9191AJ Datasheet HTML 18Page - Micro Analog systems MAS9191AJ Datasheet HTML 19Page - Micro Analog systems MAS9191AJ Datasheet HTML 20Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
DA9191A.000
July 31, 1997
FUNCTIONS
◆ SAT detection & regeneration
SAT detection is active on voice channel in AMPS or
TACS mode (SYS1=0). The supervisory audio tone is
detected with a digital PLL. The detector compares the
received SAT to the given SAT color code (SCC).
When the given SAT is detected the SATDET bit of
register 11HEX is set to high. If SATINTEN bit of
register 13HEX is on the rising and falling edge of
SATDET will cause the interrupt SATINT. On the voice
channel the SAT regeneration can be enabled with bit
SATEN of register 14HEX. By setting bit NOMSAT of
register 14HEX nominal SAT frequency is generated.
Otherwise, the SAT output frequency will follow
received SAT frequency. The block is in power down
mode when the TXSIP (transmit section in power
down) bit is active in register 07HEX. After a reset the
block is in power down mode.
SCC1
SCC0
SAT frequency
0
0
5970 Hz
0
1
6000 Hz
1
0
6030 Hz
1
1
invalid code
◆ SAT, ST or Data Transmission
The SAT and signaling tone (ST) are sent only on
the voice channel in AMPS or TACS mode
(SYS1=0). The SATEN and STON can be used to
control the SAT and ST transmission. However, the
device will automatically stop transmitting SAT and
ST signals whenever data is being transmitted, even
though SATEN or STON is high. The signaling tone
is 8kHz in ETACS and 10kHz in AMPS. Also, switch
S17 for TX data and switch S18 for ST can be used
to disable the transmission. The switches must be on
during transmission. The control bits for these
switches are located in register 0DHEX. The SAT,
TXDATA and the ST are summed and amplified with
GC8. The gain of the amplifier is -3.75dB...+3.75dB
with 16 steps. The adjustment is made with bits 0..3
of register 0DHEX. After being amplified the signal is
filtered with 4th order SC filter F12. The cutoff
frequency of the filter is 19kHz in AMPS, 15kHz in
ETACS and 200Hz in NAMPS (SYS1=1). The gain of
the filter at 1kHz is 0dB. In the NAMPS mode, the
signal is then fed to low pass filter F15, which is a
2nd order RC type filter. After filtering the signal is
summed to the TX audio signal depending on the
state of switch S20. The switch is controlled by bit 6
of register 01HEX .Register 07HEX bit AUDIOP is used
to set these blocks into power down mode.
◆ DTMF Receiver
For enabling answering machine functions, the chip
has an internal DTMF receiver. The receiver is in
power down mode after a reset. The DTMFRP bit of
register 07HEX controls the receiver power down
mode. The receiver has two separate filters for
separation of the low and high frequencies. The
comparator and logic section measures the low and
high frequency periods with an averaging algorithm.
When the valid DTMF tone is detected the external
steering logic output pin EST is set to high. With an
external RC time constant the tone detect time and
tone dropout times can be adjusted. The STGT
input/output pin has an internal comparator and pull-
up and pull-down transistors. When EST is active
and STGT goes from below to above the Vref level
(VDD/2) the STGT is pulled up with an internal
transistor. This causes the STD signal to go high,
which causes the XINT line to become active. At the
same time the detected DTMF tone is stored in
register 04HEX. When the DTMF tone is not present
the EST will go low, which causes the STGT to fall.
When the STGT falls below the Vref level (VDD/2)
the internal logic pulls the input down. The external
RC circuit will filter out very short gaps in the
received DTMF tone. The interrupt caused by the
DTMF detector is cleared by reading status register
10HEX. If the interrupt is cleared but register 04HEX is
not read until the next DTMF tone is received, then
the previous tone will be lost. The formula below can
be used to calculate tone present and tone absent
times. By adding diodes to the external circuit the
tone present and tone dropout times can be altered.
If one of the diodes is removed, the absent and
present times are calculated using the parallel
combination of R1 and R2.
EST
STGT
EST
STGT
C
R2
C
R1
R1
Time = R*C ln(VDD/VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com