Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191AJ Datasheet(PDF) 28 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 28 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 24Page - Micro Analog systems MAS9191AJ Datasheet HTML 25Page - Micro Analog systems MAS9191AJ Datasheet HTML 26Page - Micro Analog systems MAS9191AJ Datasheet HTML 27Page - Micro Analog systems MAS9191AJ Datasheet HTML 28Page - Micro Analog systems MAS9191AJ Datasheet HTML 29Page - Micro Analog systems MAS9191AJ Datasheet HTML 30Page - Micro Analog systems MAS9191AJ Datasheet HTML 31Page - Micro Analog systems MAS9191AJ Datasheet HTML 32Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
DA9191A.000
July 31, 1997
FUNCTIONS
Register 0CHEX (write only)
Bit
Name
State
Function
3-0
GC9[3:0]
0000-1111
Control range for GC9: -3.0dB … +3.0dB, 0.4dB/step
0000
-3.0dB
0001
-2.6dB
0010
-2.2dB
…….
1111
+3.0dB
1000
+0.2dB default value
4
TXTST
0
GC7 output connected to TAUDOUT
ST, SAT and TXDATA connected to GC8 input
1
ST, SAT and TXDATA connected to TAUDOUT
TAUDIN connected to GC8 input
7-5
reserved
000
reserved for future use, set to 0
Register 0DHEX (write only)
Bit
Name
State
Function
3-0
GC8[3:0]
0000-1111
Control range for GC8: -3.75dB … +3.75dB, 0.5dB/step
0000
-3.75dB
0001
-3.25dB
0010
-2.75dB
…….
1111
+3.75dB
1000
+0.25dB default value
4
DTX
0
Discontinuous transmission disabled
1
Discontinuous transmission enabled
5
S17
0
(SYS1 = 0)
AGND
Summed into GC8 input
1
(SYS1 = 0)
TXDATA signal
0
(SYS1 = 1)
AGND
1
(SYS1 = 1)
TX Buffer output signal
6
S18
0
AGND
1
Signaling Tone
7
reserved
0
reserved for future use, set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com