Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191EB Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9191EB
Description  EVALUATION BOARD FOR CELLULAR BASEBAND ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191EB Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9191EB Datasheet HTML 1Page - Micro Analog systems MAS9191EB Datasheet HTML 2Page - Micro Analog systems MAS9191EB Datasheet HTML 3Page - Micro Analog systems MAS9191EB Datasheet HTML 4Page - Micro Analog systems MAS9191EB Datasheet HTML 5Page - Micro Analog systems MAS9191EB Datasheet HTML 6Page - Micro Analog systems MAS9191EB Datasheet HTML 7Page - Micro Analog systems MAS9191EB Datasheet HTML 8Page - Micro Analog systems MAS9191EB Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
DA9191EB.006
June 30,1997
CONNECTOR DESCRIPTION
Connector name
Pin
Function
Battery
NiCd Battery or external DC power supply capable of driving at least 200 mA current is
connected to battery input.
B+
Positive supply voltage from 3.4 V to 9.0V DC.
B-
Ground.
S1
ON/OFF power switch for MAS9129 voltage regulators.
CM1
This jumper is normally closed, but can be opened to use an external current meter to
measure the power consumption of the digital section.
1
Regulator 1 output.
2
VDD input.
CM2
This jumper is normally closed, but can be opened to use an external current meter to
measure the power consumption of the analog section.
1
Regulator 2 output.
2
VDD input.
MIC
The microphone is normally connected to this connector. See the microphone function.
1
Microphone input.
2
Ground.
J1
The internal/external microphone select switches.
1
Microphone amplifier feedback signal. Connect to pin 3 to use the mounted
microphone. Otherwise, connect the external microphone circuit feedback
signal to this pin.
2
Microphone amplifier input. Connect this to pin 4 to use the mounted
microphone. Otherwise, connect the external microphone output signal to this
pin.
3
Feedback signal input for the assembled microphone circuit.
4
Microphone output signal for the assembled microphone circuit.
J2
Use jumper to enable regulator 2.
EXTMIC
BNC-type connector for external microphone source.
1
External microphone input.
2
Ground.
T2
MICOUT signal is the output from the section which contains the following blocks: Filter F8,
Gain Control GC3 and Filter F9. The source for the signal is either from SGND, Microphone
amplifier A6, EXTMIC input or from DTMF generator.
T3
COUT is the compressor output signal. The compressor and all the blocks before T2 can be
measured by using this test point.
T4
LPFIN test point can be used as an output to measure gain controls GC4 and GC5, the filter
F10 and all the blocks before T3.
T5
TAUDOUT is the output from the TX audio block.
CM3
1
VDD from regulator 2.
2
MASVDD. Power input for MAS9191A. Current measurement point.
CM4
1
Battery and charging voltage output.
2
Power input for MAS9129. Current measurement point.
CM5
1
VDD from regulator 2.
2
Power input for MS8323. Current measurement point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com