Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191EB Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS9191EB
Description  EVALUATION BOARD FOR CELLULAR BASEBAND ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191EB Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS9191EB Datasheet HTML 5Page - Micro Analog systems MAS9191EB Datasheet HTML 6Page - Micro Analog systems MAS9191EB Datasheet HTML 7Page - Micro Analog systems MAS9191EB Datasheet HTML 8Page - Micro Analog systems MAS9191EB Datasheet HTML 9Page - Micro Analog systems MAS9191EB Datasheet HTML 10Page - Micro Analog systems MAS9191EB Datasheet HTML 11Page - Micro Analog systems MAS9191EB Datasheet HTML 12Page - Micro Analog systems MAS9191EB Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
DA9191EB.006
June 30,1997
ELECRICAL CHARACTERISTICS
x Digital Inputs
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage high PE2-6, PA0-2
VIH
VDD=3V"5%
0.7xVDD
VDD+0.3
V
Input voltage low PE2-6, PA0-2
VIL
VDD=3V"5%
GND-0.3
0.2xVDD
V
Input capacitance
Cin
VDD=3V"5%
8
pF
x Digital outputs
Output Voltage high, port 1FFE,
keypad
VOH
VDD =4.5V
IOH=-6mA
3.84
V
Output Voltage low, port 1FFE,
keypad
VOL
VDD =4.5V
IOL=6mA
0.33
V
Output
Voltage
high,
LCD
interface
VOH
VDD=4.5V
IOH=--0.8mA
VDD-0.8
V
Output
Voltage
low,
LCD
interface
VOL
VDD =4.5V
IOl=1.6mA
0.4
V
x Analog inputs
The characteristics of the MIC, EXTMIC, RX, IFIN, SIDE TONE etc. can be found from the MAS9191A data sheet.
x Analog outputs
The characteristics of the DAC1-3, TX, EARP, BUZZER, MICFB, SIDEFB etc. can be found from the MAS9191A
data sheet.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
3.4
9.0
V
Storage Temperature
Ts
With LCD module
-20
70
oC
Operating Temperature
To
With LCD module
0
50
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com