Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191EB Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9191EB
Description  EVALUATION BOARD FOR CELLULAR BASEBAND ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191EB Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9191EB Datasheet HTML 1Page - Micro Analog systems MAS9191EB Datasheet HTML 2Page - Micro Analog systems MAS9191EB Datasheet HTML 3Page - Micro Analog systems MAS9191EB Datasheet HTML 4Page - Micro Analog systems MAS9191EB Datasheet HTML 5Page - Micro Analog systems MAS9191EB Datasheet HTML 6Page - Micro Analog systems MAS9191EB Datasheet HTML 7Page - Micro Analog systems MAS9191EB Datasheet HTML 8Page - Micro Analog systems MAS9191EB Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DA9191EB.006
June 30,1997
MAS9191EB
EVALUATION BOARD FOR CELLULAR BASEBAND ICs
• Audio/Data Processor and all necessary external components
• Battery Management IC and battery protection/charging circuit
• VCTCXO with DAC voltage control
• uP with evaluation software
DESCRIPTION
The Cellular Baseband evaluation board includes
MAS9191A
(Audio/Data
Processor),
MAS9129
(Battery Management) and MS8323 (VCTCXO) ICs
with all needed external components and software.
The two regulators of MAS9129 provide all the power
for the board. The board has BNC connectors for
typical MAS9191A interfaces. By using customised
software
and
external
RF
parts
the
complete
evaluation of an AMPS/ ETACS/ NAMPS phone can
be performed. A general purpose micro controller is
used to control the MAS9191A internal registers
through a serial bus interface. For the micro controller
there is 32kB SRAM, 64kB FLASH, an LCD, a keypad
and an RS-232-C interface for software downloading
to SRAM or FLASH. There is also a direct interface to
the MAS9191A serial bus allowing an external
controller to be used.
FEATURES
MEASUREMENTS
•
Fully operational system (only NiCd/NiMH battery
or power supply needed)
•
Connectors to Rx,Tx,microphone, ear piece, etc.
•
Several test points for audio block
•
Battery charger input (9.0VDC/265mA)
•
Micro controller with 32kB SRAM, 64kB FLASH
•
Keyboard and 2-line/16-character LCD
•
RS-232-C interface for software downloading
•
External micro controller connector
•
3.4 - 9.0 NiCd/NiMH battery input or power supply
•
Regulator voltage and current
•
Receive and transmit frequency responses
•
Send and receive messages
•
Microphone and Rx audio levels
•
SAT detection and generation
•
Signalling Tone level
•
DTMF detection and generation
•
Gain control levels
•
Expander and compressor functionality
•
VCTCXO output signal
BLOCK DIAGRAM
MAS9129
MS8323
MAS9191A
BATTERY
MANAGEMENT
AUDIO/DATA
PROCESSOR
VCTCXO
MICRO
CONTROLLER
SRAM
32kB
KEYPAD
LCD DISPLAY
RS232C
I/O
PORT
FLASH
64kB
RxD DTR TxD
3.0V/50mA
3.0V/100mA
LDO1
LDO2
DAC
OSC
OUT
XRESET
WATCHDOG
ON/OFF
SWITCH
BATTERY
INPUT
(3.4 -9.0 VDC)
BATTERY
CHARGER
(9.0 VDC/265mA)
RX
TX
TEST
POINTS
EAR PIECE
BUZZER
MIC
SERIAL
INTERFACE
Vcont


Similar Part No. - MAS9191EB

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9191A MAS-MAS9191A Datasheet
438Kb / 36P
Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
MAS9191AJ MAS-MAS9191AJ Datasheet
438Kb / 36P
Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
MAS9191AJ-T MAS-MAS9191AJ-T Datasheet
438Kb / 36P
Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
More results

Similar Description - MAS9191EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5081 PHILIPS-PCF5081 Datasheet
186Kb / 14P
GSM baseband processors for digital mobile cellular radio
September 1993
logo
Motorola, Inc
DRM33395 MOTOROLA-DRM33395 Datasheet
1Mb / 44P
ANALOG ICs 33395 EVALUATION MOTOR BOARD DESIGNER REFERENCE MANUALv
logo
Freescale Semiconductor...
DSP56651 FREESCALE-DSP56651 Datasheet
239Kb / 4P
INTERGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
Baseband Processor for Analog Cellular Telephones
logo
Abracon Corporation
ACAR3705-SB-EVB ABRACON-ACAR3705-SB-EVB Datasheet
1,016Kb / 4P
LPWA/ Sub-GHz Cellular Ceramic Chip Antenna Evaluation Board
09-2-19
logo
NXP Semiconductors
DSP56651 NXP-DSP56651 Datasheet
1Mb / 76P
INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
Rev 0, 6/98
DSP56652 NXP-DSP56652 Datasheet
1Mb / 76P
INTEGRATED CELLULAR BASEBAND PROCESSOR
Rev 1, 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com