Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191EB Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9191EB
Description  EVALUATION BOARD FOR CELLULAR BASEBAND ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191EB Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9191EB Datasheet HTML 2Page - Micro Analog systems MAS9191EB Datasheet HTML 3Page - Micro Analog systems MAS9191EB Datasheet HTML 4Page - Micro Analog systems MAS9191EB Datasheet HTML 5Page - Micro Analog systems MAS9191EB Datasheet HTML 6Page - Micro Analog systems MAS9191EB Datasheet HTML 7Page - Micro Analog systems MAS9191EB Datasheet HTML 8Page - Micro Analog systems MAS9191EB Datasheet HTML 9Page - Micro Analog systems MAS9191EB Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
DA9191EB.006
June 30,1997
CONNECTOR DESCRIPTION
Connector name
Pin
Function
TX
BNC-type connector for IF output.
1
TX output signal, which can contain data, audio, SAT and Signalling tone.
2
Ground.
T6
Output of the peak level detector circuit for MICOUT. See Op Amp schematic.
T7
Output of the peak level detector circuit for EXPIN. See Op Amp schematic.
RX
BNC-type connector for received IF signal.
1
RX signal input from the external IF source.
2
Ground.
T8
DEOUT is the de-emphasis filter output. The output can be used to measure blocks GC1,
F1, F3 and F4. Special test modes can be used to connect the outputs of the filter F2 and
comparators C1 and C2 to this output.
T9
RBPFIN input.
T10
EXPIN is the test point where expander input can be measured.
T11
EXPOUT test point can be used to measure the expander output.
EXTEARP
BNC-type connector for external ear piece.
1
The output signal for the external ear piece.
2
Ground.
EARP
Connector for the ear piece. Note that there are already capacitors C41 and
C42 connected to the ground on each output signal.
1
Differential output for the ear piece.
2
Differential output for the ear piece.
BUZZER
Buzzer interface. Connect the external buzzer between these points.
1
Power supply voltage from connector T1.
2
Q1 collector.
DACs
This connector contains the MAS9191A DAC outputs. MAS9191A has three 8-bit DACs.
DAC1
Output of DAC 1. This output is also connected to Vcont input of the VCTCXO.
DAC2
Output of DAC 2.
DAC3
Output of DAC 3.
GROUND
System ground.
OSCOUT
MS8323 VCTCXO output frequency
J3
Use jumper to connect DAC1 output to MS8323 Vcont input.
CTRL
TXON
Transmission is active when output is high.
BUSY
RECC is busy if pin is low.
TXCTRL
Open-drain type output. The output goes low when a transmit collision occurs.
In any other case the output is in a high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com